M2AMS-1D-R/N
AI

The **M2AMS-1D-R/N** is a specific model within a series of signal conditioners/transmitters, typically manufactured by companies like **M-System**. These devices are used in industrial automation to convert, isolate, and transmit electrical signals.
Below is a breakdown of the electronic specifications and characteristics of this part.
---
### 1. General Specifications
The model name follows a specific nomenclature that defines its input, output, and power requirements.
| Component | Description |
| :--- | :--- |
| **Series** | M2 Series (Ultra-slim Signal Conditioners) |
| **Model Type** | AMS (Alternating Current Transmitter) |
| **Input** | AC Current (e.g., from a CT - Current Transformer) |
| **Output** | 1 (Single Channel) |
| **Power Input** | Options typically range from 24V DC to 100-240V AC |
---
### 2. Key Electronic Features
#### A. Isolation
One of the primary electronic functions of the M2AMS is **Galvanic Isolation**.
* **Three-way isolation:** It isolates the Input, Output, and Power supply from each other.
* **Dielectric Strength:** Usually rated for 2000V AC for 1 minute.
* **Purpose:** Prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges on the field side.
#### B. Signal Conversion
The device utilizes an internal sensing circuit to process AC current.
* **Input Range:** Typically 0–1A or 0–5A AC (RMS).
* **Output Signal:** Converts the AC input into a standard DC process signal (e.g., 4–20mA or 0–10V DC).
* **Accuracy:** Generally within ±0.3% to ±0.5% of span.
#### C. Response Time
* **Standard Speed:** Approximately 0.5 seconds (0% to 90% response).
* **Frequency Range:** Designed for 40 Hz to 1 kHz (standard industrial frequencies).
---
### 3. Circuit Block Diagram (Internal)
The electronic architecture usually follows this path:
1. **Input Stage:** AC current enters through a transformer or shunt resistor to scale it down.
2. **Rectification/Filtering:** Converts AC to a proportional DC voltage.
3. **Isolation Barrier:** Uses an optoisolator or transformer to jump the signal across the isolation gap.
4. **Output Stage:** An amplifier circuit scales the signal to the final DC output range (e.g., 4-20mA).
---
### 4. Hardware Configuration
* **Mounting:** Standard DIN rail mounting.
* **Terminals:** M3 screw terminals.
* **Adjustments:** Front-facing Zero and Span potentiometers (typically ±5% adjustment range).
---
- ⤷
What are the specific power supply requirements for the 'R/N' suffix?
- ⤷ Can this device handle non-sinusoidal AC waveforms?
- ⤷ What is the maximum load resistance for the 4-20mA output?