M2AMS-15D-R2
AI

The **M2AMS-15D-R2** is a high-performance **Dual-Output Isolated DC-DC Converter** module, typically designed for industrial applications requiring precise voltage regulation and electrical isolation.
---
## 🛠️ Key Technical Specifications
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Input Voltage** | 12V - 24V DC (nominal) | Operates within standard industrial power rails. |
| **Output Voltage** | ±15V DC | Provides dual symmetric rails (Positive and Negative). |
| **Isolation** | 1500V DC - 3000V DC | Protects sensitive logic from high-voltage noise. |
| **Power Rating** | Typically 2W - 10W | Varies slightly based on specific OEM thermal constraints. |
| **Mounting Type** | Through-Hole (THT) | Often in a SIP or DIP footprint for PCB stability. |
---
## 🔍 Internal Electronic Components
To achieve its function, the M2AMS-15D-R2 utilizes several internal electronic sub-systems:
### 1. Switching Regulator (PWM Controller)
The core of the device is a **Pulse Width Modulation (PWM)** controller. It converts the incoming DC voltage into a high-frequency AC square wave. High-frequency operation allows for the use of smaller internal transformers.
### 2. Isolation Transformer
The "Isolated" part of the name refers to this component. It transfers energy from the input side to the output side using magnetic fields, ensuring there is no direct electrical path (galvanic isolation) between the input and output.
### 3. Rectification and Filtering
* **Schottky Diodes:** These convert the high-frequency AC from the transformer back into DC.
* **LC Filters:** Inductors (L) and Capacitors (C) are used at the output to smooth out "ripple" and switching noise, providing a clean ±15V signal.
### 4. Feedback Loop (Optocoupler)
To keep the output stable at exactly 15V despite changes in input voltage, a feedback mechanism (usually involving an optoisolator) monitors the output and tells the PWM controller to adjust its duty cycle.
---
## 💡 Typical Applications
* **Operational Amplifiers (Op-Amps):** Most high-fidelity Op-Amps require ±15V dual rails to handle analog signals centered around 0V.
* **Industrial Sensors:** Powering sensors that require bipolar power supplies for measurement.
* **Data Acquisition Systems:** Providing clean power to Analog-to-Digital Converters (ADCs) to prevent ground loop interference.
---
- ⤷What is the maximum output current for the M2AMS-15D-R2?
- ⤷ How does galvanic isolation protect sensitive electronic circuits?
- ⤷ What are the common pinout configurations for this type of DC-DC converter?