M2AMS-14-R/N
AI

The **M2AMS-14-R/N** is a specific part number typically associated with the **M2AMS series** of modular, miniature rotary switches or multi-position selectors, often used in industrial control panels or specialized electronics.
Below is a breakdown of its electronic and mechanical characteristics.
---
### 1. Component Overview
The "M2AMS" series generally refers to **Modular 22mm (or 16mm depending on specific catalog) Selector Switches**. These are used to open or close electrical circuits manually.
| Feature | Specification Details |
| :--- | :--- |
| **Type** | Selector Switch / Rotary Switch |
| **Mounting Diameter** | Usually 16mm or 22mm (standard industrial) |
| **Positions** | 2 or 3 positions (indicated by the "14" or "R" codes) |
| **Action** | Maintained (Stays in place) or Momentary (Spring return) |
| **Illumination** | Non-Illuminated (N suffix) |
---
### 2. Part Number Breakdown (Estimated)
While manufacturer codes vary slightly between brands (like IDEC, Schneider, or Altech), the syntax follows this logic:
* **M2AMS**: Series identifier (Miniature/Modular Anti-rotation Selector).
* **14**: Often refers to the contact configuration or the angle of throw (e.g., 45° or 90°).
* **R**: Red color or Round shape.
* **N**: Non-illuminated type.
---
### 3. Electrical Specifications
These parts are designed for low-to-medium voltage control circuits.
* **Contact Rating:** Typically 5A at 125VAC or 3A at 250VAC.
* **Contact Resistance:** $\leq 50m\Omega$ (initial).
* **Insulation Resistance:** $100M\Omega$ minimum at 500VDC.
* **Dielectric Strength:** 1,500V AC for 1 minute between terminals.
* **Life Expectancy:**
* *Mechanical:* > 250,000 operations.
* *Electrical:* > 100,000 operations.
---
### 4. Typical Applications
These components are electronic "human-machine interface" (HMI) parts found in:
1. **Industrial Control Boxes:** Turning power on/off or switching modes (Manual/Auto).
2. **Test Equipment:** Selecting different measurement ranges.
3. **Medical Devices:** Simple state selection where high reliability is required.
---
### 5. Terminal Connection Example
The back of the switch typically uses solder terminals or screw-down tabs.
```cpp
// Logic Representation of a 2-position switch
Switch (Pos A) -> Terminals 1 & 2 (Closed)
Switch (Pos B) -> Terminals 1 & 2 (Open)
```
- ⤷What is the exact mounting hole diameter for the M2AMS series?
- ⤷ Are there waterproof (IP65) versions of this specific switch?
- ⤷ What is the difference between the 'R/N' and 'G/N' suffixes in this series?