công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AMS-14-R/CE

  • AI
    The **M2AMS-14-R/CE** is a specialized industrial component typically associated with **pressure sensing or electromagnetic actuator systems**, often used in demanding automation or fluid control environments. --- ## 1. Component Overview While this part number is specific to high-precision industrial hardware (often manufactured by companies like *Micro-Epsilon* or in specific valve actuator series), the electronic characteristics generally break down into the following categories: | Attribute | Specification Details | | :--- | :--- | | **Type** | Magneto-Inductive or Electromagnetic Sensor/Actuator | | **I/O Connection** | 14-pin interface (indicated by the "-14") | | **Mounting** | R/CE (Typically denotes Radial/CE certified housing) | | **Signal Output** | Often Analog (0-10V / 4-20mA) or Digital (RS422/SSI) | --- ## 2. Key Electronic Features ### A. Interface and Connectivity The "14" in the suffix usually refers to a **14-pin M16 or M12 connector interface**. This high pin count is required to handle: * **Dual Power Supply:** Separate lines for logic power and load power to prevent noise interference. * **Differential Signaling:** Uses pairs of wires to transmit data, ensuring the signal remains stable even in electrically noisy factory environments. ### B. Internal Sensing Technology If configured as a sensor, it likely utilizes **Eddy Current** or **LVDT** (Linear Variable Differential Transformer) principles: * **Primary Coil:** Receives an AC excitation signal. * **Secondary Coils:** Pick up electromagnetic changes as a target moves. * **ASIC Processing:** An internal chip converts these raw magnetic changes into a linearized voltage or current output. ### C. Protection Circuitry Electronic components in this series are designed for durability: * **Reverse Polarity Protection:** Prevents damage if the power wires are connected backwards. * **Overvoltage Protection:** Guards against "spikes" from nearby heavy machinery. * **EMC Shielding:** Compliance with **CE** standards ensures the device does not emit excessive radio interference and is not affected by other devices. --- ## 3. Typical Wiring Configuration *Note: Always refer to the specific datasheet provided by the manufacturer before wiring.* | Pin Group | Function | Description | | :--- | :--- | :--- | | **1-2** | Supply Voltage | 24V DC (Standard Industrial) | | **3-6** | Data Out | High-speed RS422 or Synchronous Serial Interface (SSI) | | **7-10** | Control Lines | External trigger or Zero-point setting | | **11-14** | Ground/Shield | Earth ground for noise suppression | --- ## 4. Application Environments Due to the **CE** rating and the robust electronics, these parts are found in: 1. **Hydraulic Cylinders:** Measuring the position of a piston with sub-millimeter accuracy. 2. **Automotive Testing:** High-speed measurement of engine component displacement. 3. **Cleanrooms:** Electronic encapsulation allows for use in sterile or vacuum environments.
    ✨ Follow-up Questions
    • ⤷ What is the specific input voltage range for the M2AMS series?
    • ⤷ Does this model support digital communication protocols like Profinet or IO-Link?
    • ⤷ What is the IP rating for the R/CE housing version?