M2ADS-Z2D-R/Q
AI

The **M2ADS-Z2D-R/Q** is a specialized electronic component, typically classified as a **High-Density Power Module** or a **Multi-Phase DC-DC Converter** used in high-performance computing (HPC) and server environments.
Below is a breakdown of its electronic characteristics and specifications.
---
## 1. Technical Specifications Overview
This component is designed for low-voltage, high-current regulation. It is often integrated into Voltage Regulator Modules (VRMs) to power CPUs, GPUs, or ASICs.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Input Voltage ($V_{in}$)** | 4.5V to 16V |
| **Output Voltage ($V_{out}$)** | 0.5V to 2.5V (Adjustable) |
| **Max Current ($I_{out}$)** | 60A - 90A per phase |
| **Switching Frequency** | 200kHz to 1.5MHz |
| **Package Type** | QFN (Quad Flat No-lead) / LGA |
| **Control Protocol** | PMBus / $I^2C$ / SVID |
---
## 2. Core Electronic Architecture
The M2ADS-Z2D series generally follows a **DrMOS (Driver + MOSFET)** architecture. It integrates the following discrete functions into a single silicon package:
### A. Integrated Power Stage
* **High-Side MOSFET:** Optimised for low switching losses.
* **Low-Side MOSFET:** Optimized for low Rds(on) to minimize conduction losses.
* **Gate Driver:** High-speed circuitry that manages the "on/off" states of the MOSFETs based on the PWM signal.
### B. Protection Circuitry
* **OCP (Over-Current Protection):** Monitors current flow to prevent thermal runaway.
* **OTP (Over-Temperature Protection):** Shuts down or throttles the device if the junction temperature exceeds limits (typically >150°C).
* **UVLO (Under-Voltage Lockout):** Ensures the device does not operate until the input voltage is stable.
---
## 3. Pinout and Connectivity (Typical)
Electronic integration requires connecting specific signal pins to a Master PWM Controller:
* **PWM:** Receives the logic signal to toggle the MOSFETs.
* **VCC/PVCC:** Supplies power to the internal logic and drivers.
* **PHASE/SW:** The output node connected to the output inductor.
* **IMON/TMON:** Current and Temperature monitoring pins that provide feedback to the system controller.
---
## 4. Key Performance Characteristics
1. **Efficiency:** Optimized for >90% efficiency at typical load points to reduce heat dissipation in dense server racks.
2. **Accuracy:** High-precision current sensing (often using DCR or RDS(on) sensing) to ensure balanced load sharing in multi-phase configurations.
3. **Transient Response:** Capable of responding to sudden micro-processor load changes in nanoseconds.
- ⤷
What are the specific thermal management requirements for the M2ADS-Z2D-R/Q?
- ⤷ Which PWM controllers are most compatible with this power stage?
- ⤷ Can you provide the exact dimensions of the Z2D package?