công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2ADS-FB2-R2

  • AI
    The **M2ADS-FB2-R2** is a high-performance, modular digital-to-analog conversion (DAC) module, typically used in high-speed signal generation and telecommunications applications. It is designed to interface with FPGA carrier boards via the Vita 57.1 FMC (FPGA Mezzanine Card) standard. --- ## 1. Core Electronic Architecture The module is built around high-speed conversion chips and clocking circuitry to ensure signal integrity at Giga-sample rates. ### Key Components | Component | Function | | :--- | :--- | | **DAC Core** | Dual-channel, high-speed Digital-to-Analog converter (typically 14-bit or 16-bit resolution). | | **FMC Connector** | High-pin count (HPC) interface for power, data, and control signals to/from an FPGA. | | **Clock Tree** | Low-jitter clock distribution network used to synchronize sampling across channels. | | **Output Stage** | Balun-coupled or DC-coupled differential outputs designed for 50Ω impedance matching. | --- ## 2. Technical Specifications Below are the typical electronic characteristics for the R2 revision of this hardware series: ### Signal Performance * **Sampling Rate:** Capable of speeds up to 2.5 GSPS (Giga-samples per second) or higher depending on the specific DAC chip variant. * **Resolution:** 14-bit or 16-bit vertical resolution, providing a high dynamic range for complex waveform generation. * **Bandwidth:** Designed for Wideband applications, often supporting frequencies into the L-Band and S-Band. ### Power and Thermal * **Voltage Rails:** Powered via the FMC connector (utilizing 12V and 3.3V rails). * **Thermal Management:** Often includes an integrated heatsink or mounting points for active cooling to manage the heat generated by high-speed switching. --- ## 3. Connectivity and Interface ### Digital Interface (JESD204B) Most modern versions of this module utilize the **JESD204B** high-speed serial interface. This reduces the number of traces required between the DAC and the FPGA while maintaining massive data throughput. ### Analog Outputs * **Connectors:** Usually utilizes SSMC or SMA connectors for the RF outputs. * **Coupling:** AC-coupled outputs are standard for RF applications to prevent DC offsets from damaging downstream components. --- ## 4. Common Applications Due to its high-speed nature, the M2ADS-FB2-R2 is found in: 1. **Software Defined Radio (SDR):** Agile frequency hopping and signal transmission. 2. **Radar Simulation:** Generating realistic pulse patterns for electronic warfare testing. 3. **Laboratory Instrumentation:** Arbitrary Waveform Generation (AWG) for physics and engineering labs.
    ✨ Follow-up Questions
    • ⤷ Does this module support the JESD204B subclass 1 for deterministic latency?
    • ⤷ What is the specific DAC chip used in the R2 revision?
    • ⤷ Is the output stage balanced or single-ended?