M2ADS-FB1-R
AI

The **M2ADS-FB1-R** is a specific model within the **M2 Series** of industrial automation components, typically associated with **Delta Electronics**. It is an analog output expansion module designed for use with the **M-Bus/Modbus** communication protocols, often paired with PLC or motion control systems.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Module Type** | Analog Output (DA) Expansion |
| **Channels** | 2-Channel Analog Output |
| **Output Range** | -10V to +10V or 0 to 20mA |
| **Resolution** | 12-bit to 16-bit (depending on configuration) |
| **Interface** | RS-485 (Modbus RTU/ASCII) |
| **Power Supply** | 24V DC (-15% to +20%) |
| **Mounting** | DIN Rail |
---
### 2. Main Electronic Components & Functions
The internal circuitry of the M2ADS-FB1-R is composed of several critical functional blocks:
#### A. Digital-to-Analog Converter (DAC)
This is the heart of the module. It receives digital signals (numerical values) from the controller and converts them into precise electrical voltages or currents to drive actuators, such as Variable Frequency Drives (VFDs) or proportional valves.
#### B. Isolation Circuitry
To protect the main controller (PLC) from electrical noise or surges on the field side, this module features:
* **Optocouplers:** Provide optical isolation for signal paths.
* **DC-DC Converters:** Ensure power isolation between the logic circuit and the output terminals.
#### C. Communication Interface
The module utilizes an **RS-485 transceiver** chip. This allows it to act as a "Remote I/O" node, meaning it can be placed far from the main CPU and controlled via a simple twisted-pair wire using the Modbus protocol.
#### D. Protection Components
* **TVS Diodes:** Protect against Transient Voltage Surges.
* **Resettable Fuses (PTC):** Guard against overcurrent conditions on the output channels.
---
### 3. Application Use Cases
1. **Speed Control:** Providing a 0-10V signal to a motor inverter to control rotation speed.
2. **Valve Positioning:** Sending a 4-20mA signal to a proportional valve to regulate fluid flow.
3. **Temperature Regulation:** Acting as a setpoint provider for external PID heating controllers.
---
### 4. Wiring Diagram Overview (Logic)
```text
[ Controller ] <---RS485---> [ M2ADS-FB1-R ] <---Analog Out---> [ Field Device ]
(PLC/PC) (Expansion) (VFD/Valve)
```
- ⤷
What is the maximum distance for the RS-485 communication on this module?
- ⤷ How do you switch between voltage and current output modes?
- ⤷ Is this module compatible with third-party PLCs using Modbus RTU?