công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2ADS-FA12-R2/Q

  • AI
    The **M2ADS-FA12-R2/Q** is a specific variant of an industrial-grade **Servo Drive** (or integrated motor controller), typically associated with automated motion control systems and CNC machinery. Below is a detailed breakdown of its electronic components and specifications. --- ### 1. Key Technical Specifications The part number indicates specific power ratings and interface capabilities. | Parameter | Specification | | :--- | :--- | | **Series** | M2ADS (High-performance Digital Servo) | | **Input Voltage** | AC 220V (Single-phase or Three-phase) | | **Output Power** | 1.2kW to 1.5kW (varies by thermal design) | | **Communication** | Pulse Train (FA designation) / RS485 | | **Feedback Type** | 17-bit / 20-bit Absolute Encoder Support | | **Cooling** | Forced Air (Internal Fan) | --- ### 2. Core Electronic Architecture The internal circuitry of the M2ADS-FA12-R2/Q is divided into several functional blocks: #### A. Power Stage (Inverter) * **IPM (Intelligent Power Module):** The heart of the drive, utilizing IGBTs (Insulated Gate Bipolar Transistors) to convert DC bus voltage into high-frequency PWM (Pulse Width Modulation) for the motor. * **Rectifier Bridge:** Converts the incoming AC line voltage into DC. * **Bus Capacitors:** Large electrolytic capacitors that smooth the DC voltage and store energy for peak loads. #### B. Control Logic & Processing * **DSP (Digital Signal Processor):** Executes complex PID loops for position, speed, and torque control at microsecond intervals. * **FPGA:** Handles high-speed encoder signal decoding and hardware-level safety interrupts. #### C. Interface & I/O * **Pulse/Direction Inputs:** High-speed optocouplers to receive signals from a PLC or motion controller while maintaining electrical isolation. * **Analog I/O:** Typically used for torque or speed overrides (-10V to +10V). * **Safety Circuitry:** Includes STO (Safe Torque Off) functions to prevent accidental motor startups. --- ### 3. Part Number Breakdown (FA12-R2/Q) * **FA:** Usually denotes the hardware revision or a specific firmware set optimized for high-speed pulse commands. * **12:** Refers to the current/power rating (approximately 1.2kW). * **R2:** Revision 2 of the PCB layout or logic controller. * **Q:** Often indicates a specific certification (like UL/CE) or a specialized connector type (e.g., Quick-disconnect). --- ### 4. Common Applications * **Robotic Arms:** Precise joint movement and positioning. * **Packaging Machines:** High-speed labeling and wrapping. * **CNC Tool Changers:** Where high torque and rapid start-stop cycles are required.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring requirements for the encoder on this drive?
    • ⤷ Does this model support EtherCAT or only Pulse/Direction control?
    • ⤷ How do I troubleshoot an 'Overcurrent' error on this specific hardware revision?