công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2ADS-DB3-R2/Q

  • AI
    The **M2ADS-DB3-R2/Q** is a high-performance evaluation and development board typically associated with **Qualcomm's QCS/QCM series** (often the 6490 or 8250 platforms). These boards are designed to facilitate the development of IoT, Edge AI, and industrial computing applications. --- ### Core Electronic Components & Architecture The board functions as a carrier or expansion system for System-on-Modules (SoM). Below are the primary electronic sections: | Component Category | Description | Common Specifications | |:---|:---|:---| | **Core Processor Support** | Interface for QCS/QCM series SoMs | ARM-based Kryo CPU, Adreno GPU | | **Memory Interface** | LPDDR5/LPDDR4x and UFS | Support for high-speed data throughput | | **Connectivity** | Wireless and Wired modules | Wi-Fi 6E, Bluetooth 5.2, Gigabit Ethernet | | **Power Management** | PMIC (Power Management IC) | Regulates voltage rails (1.1V, 1.8V, 3.3V) | | **Storage Expansion** | M.2 and MicroSD | Supports NVMe SSDs and SD 3.0 | --- ### Hardware Interface Breakdown The board is densely populated with headers and connectors to allow developers to probe signals and attach peripherals. #### 1. M.2 Expansion Slots The "M2" in the part number signifies the heavy reliance on the M.2 form factor for modularity: * **Key M:** Typically used for high-speed NVMe SSD storage. * **Key E:** Used for wireless connectivity (Wi-Fi/BT) modules. * **Key B:** Often reserved for 5G/LTE cellular modems. #### 2. Visual and Audio I/O * **MIPI-DSI:** For connecting high-resolution LCD touchscreens. * **MIPI-CSI:** Multiple lanes (usually 4-lane) for high-definition camera sensors (ISP support). * **HDMI/DisplayPort:** Physical ports for external monitor output. #### 3. Low-Speed Peripherals For sensor integration and debugging, the board includes: * **UART:** For serial console debugging. * **I2C/SPI:** To communicate with external sensors (IMUs, temperature sensors). * **GPIO:** General Purpose Input/Output pins for custom logic. --- ### Power Architecture The board requires a stable DC input, usually via a barrel jack. ```yaml Power_Input: 12V DC (Typical) Internal_Regulation: - Step-down Converters: Convert 12V to 5V (USB), 3.3V (Logic) - LDOs: Provide clean power to sensitive analog camera/audio circuits - Battery Header: Often includes charging circuitry for Li-ion cells ``` --- ### Technical Use Case The **R2/Q** revision specifically focuses on refined signal integrity for high-speed AI inferencing. It is used to test the **Hexagon DSP** and **NPU (Neural Processing Unit)** capabilities of the attached Qualcomm processor, ensuring that electronic noise does not interfere with high-frequency data buses.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout differences between the R1 and R2 revisions?
    • ⤷ Which Qualcomm System-on-Modules (SoM) are compatible with this board?
    • ⤷ How do I configure the jumpers for UART debugging on this specific model?