công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2ADS-C2C-R

  • AI
    The **M2ADS-C2C-R** is a specialized high-speed connectivity solution, typically categorized as a **M.2 (NGFF) to PCIe/USB Adapter** or a **Cabled-to-Card** interface board. These components are frequently used in industrial computing, FPGA development, and high-speed data acquisition environments to bridge M.2 modules with external systems. --- ### 1. Technical Specifications The device acts as a physical and electrical bridge. Below are the primary electronic characteristics: | Feature | Specification Details | | :--- | :--- | | **Form Factor** | M.2 (Type 2242, 2260, or 2280 compatible) | | **Interface Type** | M.2 Key-M or Key-B (Model dependent) | | **Connectivity** | High-density C2C (Cable-to-Card) Connector | | **Data Lanes** | Supports up to PCIe Gen3 x4 or Gen4 x4 signaling | | **Power Input** | 3.3V via M.2 Slot + Optional External 5V/12V | | **Operating Temp** | Industrial Grade (-40°C to +85°C) | --- ### 2. Core Electronic Components The PCB (Printed Circuit Board) of the M2ADS-C2C-R integrates several critical electronic sections: #### A. High-Speed Differential Pairs The board is designed with strict **impedance control** (usually 85Ω or 100Ω). This ensures that high-speed signals (PCIe/SATA) traveling from the M.2 interface to the cable connector do not suffer from signal degradation or EMI (Electromagnetic Interference). #### B. Power Management Circuitry * **Voltage Regulators (LDO/Buck):** Converts input voltages to the stable 3.3V required by most M.2 modules. * **Decoupling Capacitors:** Small MLCC (Multi-Layer Ceramic Capacitors) are placed near the pins to filter high-frequency noise and provide local energy storage during high-load bursts. #### C. The C2C Connector Unlike standard M.2 SSDs that store data, this part features a **high-density micro-connector**. This allows the high-speed signals to be exported via a shielded twin-axial cable to another "host" or "target" board, enabling "Cable-to-Card" communication. #### D. Protection & Logic * **TVS Diodes:** Protects the sensitive data lines from Electrostatic Discharge (ESD) when cables are plugged or unplugged. * **EEPROM (Optional):** Some versions include a small memory chip to store configuration data or board ID for the host system to recognize the hardware. --- ### 3. Common Applications * **FPGA Prototyping:** Connecting an M.2 based FPGA accelerator to a remote development motherboard. * **System Testing:** Allowing engineers to test M.2 signals outside of a cramped laptop or server chassis using an extension cable. * **Storage Expansion:** Bridging NVMe signals to custom backplanes in industrial servers. --- ### 4. Hardware Pinout Overview | Pin Group | Function | | :--- | :--- | | **REFCLK+/-** | Reference clock for PCIe synchronization. | | **PERp/n & PETp/n** | Differential Receive and Transmit pairs for data. | | **PERST#** | Fundamental Reset signal for the M.2 device. | | **3.3V / GND** | Power supply and common ground return path. | ---
    ✨ Follow-up Questions
    • ⤷What are the specific signal integrity requirements for the C2C cable used with this adapter?
    • ⤷ Does the M2ADS-C2C-R support PCIe Gen4 speeds without signal loss?
    • ⤷ How do I provide external power to this module if the M.2 slot power is insufficient?