M2ADS-C14-R/Q
AI

The **M2ADS-C14-R/Q** is a high-precision, industrial-grade incremental encoder module, typically utilized in motion control systems, robotics, and CNC machinery. It is designed to convert mechanical rotation into electrical pulses to provide feedback on position, speed, and direction.
---
### Technical Specifications Overview
| Feature | Specification |
| :--- | :--- |
| **Encoder Type** | Incremental Optical / Magnetic |
| **Output Channels** | A, B, and Z (Index Pulse) |
| **Interface** | RS422 (Differential Line Driver) / TTL |
| **Resolution** | 1000 - 5000 PPR (Pulses Per Revolution) - Model Specific |
| **Supply Voltage** | 5V DC or 10-30V DC |
| **Connector Type** | C14 (Specific Circular or Industrial Plug Interface) |
---
### Key Electronic Components and Features
#### 1. Signal Processing Circuitry
The "ADS" designation often refers to an **Advanced Digital Signal** processor integrated within the unit. This circuitry handles:
* **Interpolation:** Enhancing the resolution beyond the physical lines on the disk.
* **Error Compensation:** Adjusting for minor misalignments or signal jitters.
#### 2. Output Driver (The "R/Q" Variant)
The suffix codes usually denote the output configuration:
* **R (Line Driver):** Uses an RS422 balanced output. This is essential for long cable runs as it cancels out electromagnetic interference (EMI).
* **Q (Quadrature):** Provides two signals (A and B) offset by 90 degrees. This allows the controller to determine the direction of rotation (Clockwise vs. Counter-Clockwise).
#### 3. Optical/Magnetic Sensing Element
* **Emitter/Detector Pair:** Usually consists of an LED and a photodiode array.
* **Code Disc:** A precision-etched disc that interrupts the light beam to create square wave pulses.
---
### Wiring and Interface (Typical C14 Pinout)
While specific pinouts can vary by manufacturer (such as Autonics or Delta), the standard electronic interface follows this logic:
| Pin/Color | Function | Description |
| :--- | :--- | :--- |
| Vcc | Power Input | Positive supply (usually Red) |
| GND | Ground | 0V Reference (usually Black) |
| A+ / A- | Phase A | Main pulse train |
| B+ / B- | Phase B | Quadrature pulse (direction sensing) |
| Z+ / Z- | Index | Once-per-revolution reference pulse |
| Shield | Case Ground | Protection against noise |
---
### Application Context
The **M2ADS-C14-R/Q** is electronically optimized for **High-Speed Counting (HSC)**. Because of its differential output (Line Driver), it is highly resistant to the electrical noise generated by Variable Frequency Drives (VFDs) and high-voltage motor cables.
- ⤷
What is the maximum frequency response (kHz) of this encoder model?
- ⤷ How do I wire a Line Driver (R) output to a PLC that only accepts NPN inputs?
- ⤷ What are the mechanical mounting dimensions for the M2 series encoders?