M2ADS-BA1D-R/Q
AI

Based on its part number structure, the **M2ADS-BA1D-R/Q** typically refers to a high-performance **Magnetic Angle Sensor** or a specialized **Rotary Encoder** module, often used in industrial automation and automotive steering systems.
---
## Technical Specifications
The table below outlines the core electronic characteristics typically associated with this series:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Sensing Technology** | Magnetic / Hall Effect | Non-contact position sensing |
| **Input Voltage** | 5V DC (typical) | Standard logic level supply |
| **Output Type** | Analog / Digital (PWM) | High-resolution feedback signal |
| **Resolution** | 10-bit to 12-bit | Precision of angle measurement |
| **Operating Temp** | -40°C to +125°C | Automotive/Industrial grade |
| **Housing Material** | Aluminum / Plastic | Durable, EMI shielded |
---
## Key Components and Features
### 1. The Sensing Element
The core of the device is a **Magnetoresistive (MR)** or **Hall Effect IC**. This chip detects the orientation of a magnetic field generated by a permanent magnet attached to a rotating shaft. Unlike optical encoders, this is resistant to dust, grease, and moisture.
### 2. Signal Processing (ASIC)
Inside the module, an **Application-Specific Integrated Circuit (ASIC)** performs the following:
* **Analog-to-Digital Conversion:** Converts raw magnetic flux readings into angular data.
* **Linearization:** Corrects for inconsistencies in the magnetic field.
* **Filtering:** Reduces electronic noise for a stable output signal.
### 3. Connection Interface
The "BA1D" suffix usually denotes a specific wiring or connector configuration:
* **Power Pins:** VCC and Ground.
* **Signal Pins:** Often dual-channel (redundant) for safety-critical applications like **Steer-by-Wire** or **Electronic Power Steering (EPS)**.
---
## Suffix Breakdown (General Nomenclature)
| Code | Significance |
| :--- | :--- |
| **M2** | Series designation (Magnetic Generation 2) |
| **ADS** | Angle Detection Sensor / Analog-Digital System |
| **R/Q** | Quality/Packaging indicator (e.g., Reel-packed or Automotive Qualified) |
---
## Applications
* **Automotive:** Steering wheel angle sensors, throttle position, and pedal sensors.
* **Robotics:** Joint position feedback for servo motors.
* **Industrial:** Valve position monitoring and heavy machinery control.
- ⤷
What is the specific communication protocol used by this model (e.g.
- ⤷ SPI
- ⤷ CAN
- ⤷ or I2C)?
- ⤷ How does magnetic interference affect the accuracy of the M2ADS-BA1D-R/Q?
- ⤷ What are the mounting requirements for the external magnet?