công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2ADS-B24-R2

  • AI
    The **M2ADS-B24-R2** is a high-performance ADS-B (Automatic Dependent Surveillance-Broadcast) receiver module, typically utilized in aviation tracking, UAV systems, and IoT-based air traffic monitoring. Below is a breakdown of its core electronic components and functional architecture. --- ## 1. Core Technical Specifications The "R2" designation usually refers to a specific hardware revision optimized for sensitivity and power efficiency. | Feature | Specification | | :--- | :--- | | **Operating Frequency** | 1090 MHz (Mode S / ADS-B) | | **Input Voltage** | Typically 3.3V - 5V DC | | **Communication Interface** | UART (Serial), USB, or SPI | | **Sensitivity** | -90 dBm to -95 dBm (typical) | | **Connector Type** | MMCX or U.FL (IPEX) for Antenna | --- ## 2. Key Electronic Sections ### A. RF Front-End (Radio Frequency) This is the most critical section for signal integrity. * **Low Noise Amplifier (LNA):** Boosts the weak 1090 MHz signal received from the antenna while keeping the signal-to-noise ratio (SNR) high. * **SAW Filter (Surface Acoustic Wave):** A bandpass filter centered at 1090 MHz. It rejects out-of-band interference from cellular networks (LTE/5G) and other radio sources. * **Impedance Matching:** A network of passive inductors and capacitors (LC circuit) ensuring 50-ohm matching between the antenna and the receiver chip. ### B. Signal Processing Engine * **SoC / FPGA / MCU:** The "brain" of the module. It performs the **demodulation** of the Pulse Position Modulation (PPM) used in ADS-B signals. * **Internal ADC:** A high-speed Analog-to-Digital Converter that digitizes the incoming 1090 MHz carrier wave after it has been down-converted. ### C. Power Management * **LDO Regulators:** Low Dropout regulators ensure that the sensitive RF components receive a clean, ripple-free voltage, preventing electronic "noise" from affecting signal decoding. * **TVS Diodes:** Often included on the antenna input line to provide ESD (Electrostatic Discharge) protection. --- ## 3. Connectivity & Integration The M2ADS-B24-R2 is designed to be integrated into larger systems via the following pins/ports: 1. **VCC/GND:** Power supply pins. 2. **TX/RX:** Standard UART pins for sending decoded aircraft data (usually in GDL90 or Mavlink format) to a flight controller or PC. 3. **PPS (Pulse Per Second):** Some versions include a synchronization pin for precise timing relative to GPS. --- ## 4. Typical Application Diagram ```mermaid graph LR A[1090MHz Antenna] --> B[SAW Filter] B --> C[LNA] C --> D[Receiver IC / Demodulator] D --> E[Microcontroller] E --> F[UART / USB Output] F --> G[End User Device / Flight Controller] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific data protocol used by the M2ADS-B24-R2 for output (e.g.
    • ⤷ GDL90 or Mavlink)?
    • ⤷ Does this module support 978 MHz UAT in addition to 1090 MHz?
    • ⤷ What is the typical power consumption of this module during active tracking?