AI

The **M2ADS-B22-R** is a specific variant of high-performance connectors, typically associated with the **M2 series** (often manufactured by companies like **Harwin**). These components are designed for high-reliability applications where space is limited but vibration resistance is critical.
---
### 1. General Specifications
This part is a high-density, 2.00mm pitch connector often used in aerospace, defense, and industrial automation.
| Feature | Specification |
| :--- | :--- |
| **Pitch** | 2.00mm (0.0787") |
| **Configuration** | Dual Row (2x11 or similar depending on series suffix) |
| **Mounting Type** | Through-hole or SMT (Surface Mount) |
| **Orientation** | Right-Angle (indicated by the "-R") |
| **Plating** | Gold on contact area, Tin on solder tails |
---
### 2. Breakdown of the Part Number
While specific naming conventions vary by manufacturer, the code generally follows this logic:
* **M2**: The product series family (High-reliability 2mm pitch).
* **AD**: Connector style (often denotes a specific shrouded or male/female type).
* **S**: Mounting style (e.g., SMT or Through-hole).
* **B**: Number of rows or specific polarising features.
* **22**: Total number of contacts (likely 11 pins per row).
* **R**: **Right-Angle** orientation (the connector sits 90 degrees to the PCB).
---
### 3. Key Electronic Characteristics
These parts are engineered to perform under harsh electrical and environmental conditions:
* **Current Rating:** Typically 2A to 3A per contact.
* **Voltage Rating:** Up to 800V AC/DC.
* **Contact Resistance:** Usually < 20mΩ.
* **Insulation Resistance:** > 1000MΩ.
* **Operating Temperature:** Wide range, usually **-55°C to +125°C**.
---
### 4. Common Applications
Due to its robust design, the M2ADS-B22-R is found in:
1. **UAVs and Drones:** For flight controller to peripheral connections.
2. **Military Avionics:** Internal HUD or communication boards.
3. **Medical Equipment:** High-density portable diagnostic tools.
4. **Robotics:** Sensor data transmission in vibrating environments.
---
### 5. Footprint Example (Pseudo-Code)
If you are designing a PCB (e.g., in KiCad or Altium), your footprint logic would follow a grid-based system:
```cpp
// Schematic Pin Mapping (22 Pins)
Row_A: Pins 1, 3, 5, 7, 9, 11, 13, 15, 17, 19, 21
Row_B: Pins 2, 4, 6, 8, 10, 12, 14, 16, 18, 20, 22
// Mechanical Data
Pitch_X = 2.00mm;
Pitch_Y = 2.00mm;
Hole_Diameter = 0.80mm; // For through-hole variants
```
---
- ⤷What is the exact mating connector for the M2ADS-B22-R?
- ⤷ Does this connector support blind mating features?
- ⤷ Is there a vertical version of this specific part number?