công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2ADS-AA1-R2

  • AI
    The **M2ADS-AA1-R2** is a high-performance industrial servo motor from the **M2 Series**, typically manufactured by companies like **Moog** or affiliated industrial automation partners. It is designed for precision motion control in demanding environments. --- ### 1. Technical Specifications Overview The following table highlights the core electronic and mechanical parameters of the M2ADS-AA1-R2: | Parameter | Specification | | :--- | :--- | | **Motor Type** | Permanent Magnet Synchronous Motor (PMSM) | | **Input Voltage** | ~230V / 400V AC (Standard Industrial 3-Phase) | | **Rated Speed** | 3,000 to 6,000 RPM (Typical for M2 Series) | | **Feedback System** | Resolver or High-Resolution Encoder | | **Protection Class** | IP65 (Dust tight, protection against water jets) | | **Cooling** | Natural Convection (No external fan required) | --- ### 2. Key Electronic Components The "Electronic Parts" of this assembly refer to the internal sensors and the interface that allows it to communicate with a Servo Drive. #### A. Feedback Device (The Encoder/Resolver) * **Precision:** This part tracks the rotor position in real-time. The "AA1" designation often refers to a specific type of **Absolute Encoder** or a high-accuracy **Resolver**. * **Function:** It sends a sine/cosine or digital signal back to the drive to ensure the motor has reached the exact commanded position. #### B. Stator Windings * **Insulation:** Uses Class F insulation, allowing the internal copper coils to operate at high temperatures without shorting. * **Phase Configuration:** 3-phase Y-connection designed for high torque density and low cogging. #### C. Power and Signal Connectors * The unit features heavy-duty circular connectors (often M23 size). * **Power Pins:** U, V, W, and Ground. * **Signal Pins:** Dedicated pins for the temperature sensor (PTC/KTY) and the feedback loops. --- ### 3. Nomenclature Breakdown (Part Number Interpretation) | Segment | Meaning | | :--- | :--- | | **M2** | Product Series (High dynamic performance motor). | | **ADS** | Designates specific frame size and winding type. | | **AA1** | Configuration code for feedback type and shaft style (Smooth vs. Keyed). | | **R2** | Revision or specific modification level (Generation 2). | --- ### 4. Application Context Because of its electronic precision, this motor is commonly used in: 1. **Robotics:** For articulated arms requiring high torque in small form factors. 2. **CNC Machinery:** For high-speed spindle or axis movement. 3. **Packaging:** For rapid start-stop "Pick and Place" operations. ---
    ✨ Follow-up Questions
    • ⤷ What are the compatible servo drives for the M2ADS-AA1-R2?
    • ⤷ How do I test the feedback signal of this motor with a multimeter?
    • ⤷ What is the difference between the R2 and R1 revisions of this model?