công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2ADS-A1AC-R2/Q

  • AI
    The **M2ADS-A1AC-R2/Q** is a high-performance, industrial-grade **Servo Drive** belonging to the M2 series (likely manufactured by brands such as Kinco or similar industrial automation providers). These drives are designed for precision control of AC servo motors. --- ## 1. Technical Specifications Overview The electronic design focuses on high-speed signal processing and robust power management. | Parameter | Specification | | :--- | :--- | | **Input Voltage** | Single/Three-Phase 220VAC (-15% to +10%) | | **Control Method** | IGBT PWM Sinusoidal Wave Drive | | **Feedback System** | 2500-line Incremental Encoder / Absolute Encoder | | **Communication** | RS485 (Modbus RTU), CANopen | | **Protection** | Overcurrent, Overvoltage, Undervoltage, Overheating, Overload | --- ## 2. Core Electronic Components ### A. Power Stage (IGBT Module) The heart of the drive is an **Insulated Gate Bipolar Transistor (IGBT)** bridge. It converts the rectified DC bus voltage back into a variable frequency/variable voltage AC output to drive the motor. This component is heat-sinked to manage thermal dissipation. ### B. Control Logic (DSP/FPGA) The "Q" variant often signifies an upgraded processor or specific firmware logic. * **DSP (Digital Signal Processor):** Handles complex PID algorithms for speed, position, and torque loops. * **High-Speed I/O:** Opto-isolated inputs and outputs to prevent electrical noise from the high-voltage side from damaging the controller. ### C. Feedback & Interface * **Encoder Interface:** Features differential signal processing to ensure noise immunity over long cable runs. * **DC Bus Capacitors:** Large electrolytic capacitors used to smooth the rectified AC and store energy for sudden torque demands. --- ## 3. Wiring and Terminal Layout | Section | Description | | :--- | :--- | | **L1, L2, L3** | Main power supply inputs (220V). | | **U, V, W** | Servo motor power outputs. | | **CN1** | Control signal terminal (Pulse/Direction, Analog inputs, Digital I/O). | | **CN2** | Encoder feedback input terminal. | | **CN3/CN4** | Communication ports (RS485/CANopen). | --- ## 4. Key Functional Features 1. **Pulse Control:** Supports Pulse + Direction (P/D) or CW/CCW pulse trains for positioning. 2. **Analog Control:** Electronic circuitry allows for ±10V analog input for speed or torque regulation. 3. **Regenerative Braking:** Includes an internal braking resistor (or terminals for an external one) to dissipate energy generated when the motor decelerates quickly. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum output current rating for the M2ADS-A1AC-R2/Q?
    • ⤷ Does this specific model support EtherCAT communication or only CANopen?
    • ⤷ What are the common error codes displayed on the 5-digit LED of this drive?