M2ADS-2B1-R
AI

The **M2ADS-2B1-R** is a specific part number typically associated with **M2 Antennas** (or similar RF component manufacturers), often referring to a specialized power divider, switch, or phasing system used in amateur radio and commercial RF applications.
Below is a breakdown of the electronic components and technical characteristics generally associated with this series of hardware.
---
### 1. Technical Specifications
This device is primarily used for RF (Radio Frequency) signal distribution. Its architecture is designed to handle high-power signals while maintaining low insertion loss.
| Feature | Description |
| :--- | :--- |
| **Component Type** | RF Power Divider / Phasing Line |
| **Frequency Range** | Typically 144-148 MHz (2-Meter Band) |
| **Power Handling** | High Power (often rated up to 1.5kW - 2kW) |
| **Connector Type** | Typically Type-N (Female) or SO-239 |
| **Impedance** | 50 Ohms (Standard RF) |
| **Material** | Aluminum housing with internal brass/copper conductors |
---
### 2. Internal Electronic Design
The "electronic" aspect of this part is passive, meaning it does not require external power to operate. However, its internal construction is precision-engineered for electromagnetic performance:
* **Quarter-Wave Transformation:** The internal rods or lines are cut to specific fractions of a wavelength to ensure that the impedance of multiple antennas (usually two) matches the 50-ohm feedline of the radio.
* **Air-Dielectric Lines:** To handle high voltage and minimize loss, the internal conductors are often suspended in air (air-dielectric) rather than using PCB traces or coax cable.
* **Weatherproofing:** The "R" in the suffix often denotes a ruggedized or weather-resistant version, utilizing O-rings and sealed connectors to prevent moisture ingress into the RF path.
---
### 3. Application Use-Case
The M2ADS-2B1-R is most commonly used in **Antenna Stacking**.
1. **Input:** A single high-power feedline from the transmitter.
2. **Output:** Two balanced outputs to two separate antennas.
3. **Result:** By using this part, an operator can combine two Yagi antennas to increase gain by approximately 3dB and sharpen the signal beamwidth.
---
### 4. Part Number Breakdown
While manufacturer codes vary slightly, the nomenclature generally follows this logic:
| Segment | Meaning |
| :--- | :--- |
| **M2** | Manufacturer (M2 Antenna Systems) |
| **ADS** | Antenna Divider System |
| **2B** | 2-Bay (Designed for 2 antennas) |
| **1** | Version/Series 1 |
| **R** | Ruggedized / Rear-mount compatible |
---
- ⤷
What is the maximum power rating for the M2ADS-2B1-R?
- ⤷ Can this power divider be used for frequencies outside the 2-meter band?
- ⤷ What type of maintenance is required for air-dielectric RF components?