công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2ADS-21A-R

  • AI
    ## M2ADS-21A-R: Product Overview The **M2ADS-21A-R** is an industrial-grade **Limit Switch** manufactured by **Omron**. It belongs to the M2A series, specifically designed for heavy-duty applications, safety interlocking, and position sensing in automated environments. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Actuator Type** | Roller Lever (Side Rotary) | | **Contact Form** | 1NO / 1NC (Single Pole Double Throw - SPDT) | | **Rated Voltage** | 250V AC / 125V DC | | **Current Rating** | 10A (AC), 0.4A (DC) | | **Enclosure Rating** | IP67 (Waterproof and Dustproof) | | **Housing Material** | Zinc Die-cast | | **Operating Temperature** | -10°C to +80°C | --- ### 2. Electronic & Mechanical Components The device is composed of several critical electronic and structural parts that ensure reliable switching: * **Switching Mechanism (Basic Switch):** The internal core is a high-precision snap-action switch. It uses a silver alloy contact point to ensure high conductivity and resistance to oxidation. * **Actuator (Roller Lever):** The "R" in the suffix typically denotes a Roller Lever. This part physically interacts with moving machinery to trigger the internal contacts. * **Terminal Block:** Located inside the housing, it features screw terminals for secure wiring. It is designed to handle standard industrial gauge wires (usually 14-18 AWG). * **Sealing Gaskets:** NBR (Nitrile Butadiene Rubber) seals are used around the head and the cover to maintain the IP67 rating, protecting the electronics from oil, water, and coolants. * **Reset Spring:** A high-tension internal spring ensures the actuator returns to its "Free Position" immediately after the physical force is removed. --- ### 3. Wiring Configuration The device typically follows standard industrial color coding or numbering for its SPDT configuration: | Terminal Label | Function | Description | | :--- | :--- | :--- | | **COM** | Common | The main input line. | | **NC** | Normally Closed | Path is closed when the lever is at rest. | | **NO** | Normally Open | Path closes only when the lever is actuated. | --- ### 4. Application Areas * **Conveyor Systems:** Detecting the presence of a package or pallet. * **CNC Machinery:** Sensing the limit of travel for a machine axis to prevent mechanical damage. * **Safety Gates:** Ensuring a door is fully closed before a machine can start.
    ✨ Follow-up Questions
    • ⤷ What are the mounting hole dimensions for the M2ADS-21A-R?
    • ⤷ Can this switch be used in explosive environments (ATEX rated)?
    • ⤷ How does the 'Side Rotary' action differ from a 'Plunger' type limit switch?