M2ADS-213-R
AI

The **M2ADS-213-R** is a specific electronic component within the category of **High-Frequency/Microwave Passive Components**, specifically a **2-way 0° Power Splitter/Combiner**.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. Component Overview
The M2ADS-213-R is designed to either split an input signal into two equal-phase output signals or combine two signals into a single output. It is typically used in RF (Radio Frequency) circuits for signal distribution or balanced amplifier configurations.
### 2. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Type** | 2-Way 0° Power Splitter/Combiner |
| **Frequency Range** | Typically wideband (check datasheet for exact MHz/GHz range) |
| **Insertion Loss** | Low (typ. < 1.0 dB above the 3dB split) |
| **Isolation** | High (typ. > 20 dB between output ports) |
| **Phase Unbalance** | Minimal (typ. < 2-3 degrees) |
| **Amplitude Unbalance** | Minimal (typ. < 0.2 dB) |
| **Impedance** | 50 Ohms (Standard) |
| **Package Style** | Surface Mount (SMD) |
---
### 3. Electronic Architecture
The internal circuitry typically relies on a **Wilkinson Power Divider** design or a **Transformer-based** topology.
* **Isolation Resistor:** Contains an internal resistor (usually 100 $\Omega$ for 50 $\Omega$ systems) to dissipate reflected energy and ensure high isolation between the two output ports.
* **Impedance Matching:** Uses internal transmission line transformations to ensure low VSWR (Voltage Standing Wave Ratio) at all ports.
* **RoHS Compliance:** The "-R" suffix usually denotes that the part is **RoHS Compliant** (Lead-free).
### 4. Typical Applications
1. **Antenna Arrays:** Distributing signals to multiple antenna elements.
2. **Signal Sampling:** Diverting a small portion of a signal for monitoring or measurement.
3. **Phase Shifters/Modulators:** Splitting local oscillator (LO) signals.
4. **Test Equipment:** Used in RF labs for combining multiple signal generators.
---
### 5. Installation/Soldering Considerations
Since this is an SMD part, the following parameters are critical:
* **Operating Temperature:** Generally rated for $-40^\circ\text{C}$ to $+85^\circ\text{C}$.
* **Reflow Profile:** Must follow standard lead-free soldering profiles to avoid damaging the internal ceramic or ferrite components.
* **Grounding:** Excellent PCB grounding is required under the component to maintain rated isolation and return loss.
- ⤷
What is the exact frequency range of the M2ADS-213-R?
- ⤷ How does the isolation rating affect signal integrity in this component?
- ⤷ Can this part be used in high-power transmission applications?