công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2ADS-211-R/Q

  • AI
    The **M2ADS-211-R/Q** is a high-precision, industrial-grade **Current Transducer** (often referred to as a Current Sensor). It is primarily used in power electronics for non-intrusive current measurement through Hall Effect technology. --- ## 1. Core Technical Specifications The "R/Q" suffix usually denotes specific output configurations or environmental ratings. Below are the typical electronic characteristics for this series: | Parameter | Value / Range | | :--- | :--- | | **Measurement Type** | Closed-loop Hall Effect | | **Primary Current ($I_{pn}$)** | 200A - 250A (nominal) | | **Measuring Range** | 0 to ±400A (peak) | | **Supply Voltage ($V_c$)** | ±12V to ±15V DC | | **Output Signal** | Secondary current ($I_s$) | | **Conversion Ratio** | 1:2000 (typical) | | **Accuracy** | ±0.5% at $I_{pn}$ | | **Linearity** | < 0.1% | --- ## 2. Key Electronic Components & Working Principle The device functions as a **Closed-Loop (Zero Flux)** sensor. The internal circuitry consists of the following critical sections: ### A. Magnetic Core & Hall Element * **The Gap:** The primary conductor passes through a toroid. A small gap in the core houses a high-sensitivity Hall Effect generator. * **Detection:** As primary current flows, it creates a magnetic field. The Hall element detects this field and generates a small voltage. ### B. Compensation Circuit (The Feedback Loop) * **Operational Amplifier:** An internal high-gain amplifier takes the Hall voltage and drives a secondary current through a compensation coil wound around the core. * **Zero Flux:** The secondary current creates an opposing magnetic field that cancels out the primary field. The sensor operates at "zero flux," which ensures high linearity and prevents core saturation. ### C. Output Stage * The output is a current signal (e.g., if the ratio is 1:2000, 200A primary results in 100mA secondary). * Users typically place a **burden resistor ($R_m$)** at the output to convert this current into a readable voltage for ADCs or Microcontrollers. --- ## 3. Application Use Cases Due to its high accuracy and galvanic isolation, the M2ADS-211-R/Q is found in: * **Variable Frequency Drives (VFDs):** Monitoring motor phase currents. * **Uninterruptible Power Supplies (UPS):** Battery charging and inverter monitoring. * **Solar Inverters:** Tracking DC string current and AC output. * **Welding Equipment:** Precision control of high-current arcs. --- ## 4. Connection Interface | Pin/Terminal | Function | Description | | :--- | :--- | :--- | | **+V** | Positive Supply | +15V DC input | | **-V** | Negative Supply | -15V DC input | | **M / Out** | Measurement | Output signal (connect to Burden Resistor) | | **0V / Gnd** | Common | Ground reference |
    ✨ Follow-up Questions
    • ⤷ What is the specific burden resistor range recommended for the M2ADS-211-R/Q?
    • ⤷How does closed-loop Hall Effect technology differ from open-loop in terms of accuracy?
    • ⤷What are the thermal derating factors for this sensor at temperatures above 70°C?