công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2ADS-1BC-R

  • AI
    The **M2ADS-1BC-R** is a specific model of an **M12 A-Coded to RJ45 Industrial Ethernet Cable/Adapter**. These components are critical in industrial automation for bridging the gap between rugged field devices and standard networking equipment. --- ## 1. Technical Specifications Below is a breakdown of the electronic and mechanical characteristics of the M2ADS-1BC-R: | Feature | Specification | | :--- | :--- | | **Connector A** | M12 8-Pin Male (A-Coded) | | **Connector B** | RJ45 (8P8C) | | **Cable Category** | Cat5e (Typical) | | **Shielding** | SF/UTP or S/FTP (Double Shielded) | | **Rated Voltage** | 30V - 60V AC/DC | | **Rated Current** | 1.5A - 2.0A | | **IP Rating** | IP67 (M12 side) / IP20 (RJ45 side) | | **Data Rate** | Up to 1 Gbps (1000Base-T) | --- ## 2. Key Electronic Components ### A. M12 A-Coded Interface The "A-Coded" designation refers to the internal keying of the M12 connector. * **Pins:** Usually features 8 gold-plated brass pins. * **Purpose:** Primarily used for sensors, actuators, and motors. In this specific configuration, it is wired to carry Ethernet signals. * **Ruggedization:** The pins are encased in a circular housing with a screw-locking mechanism to prevent signal loss due to vibration. ### B. RJ45 Interface The standard Ethernet connector used to plug into switches, PLCs, or PCs. * **Contact Material:** Phosphor bronze with gold plating to prevent oxidation. * **Housing:** Typically high-impact plastic (Polycarbonate). ### C. The Transmission Medium (Cable) The "Electronic" performance depends heavily on the internal wiring: * **Twisted Pairs:** 4 pairs of 24 AWG or 26 AWG copper wire. * **Shielding:** To prevent Electromagnetic Interference (EMI) common in factory floors, the cable includes an aluminum foil shield and a tinned copper braid. * **Impedance:** Matched at 100 Ohms to ensure minimal signal reflection. --- ## 3. Pinout Mapping (Standard T568B) In most industrial applications, the conversion follows this logic: | M12 Pin | Pair Color | RJ45 Pin | Function | | :--- | :--- | :--- | :--- | | 1 | White/Orange | 1 | Transmit + | | 2 | Orange | 2 | Transmit - | | 3 | White/Green | 3 | Receive + | | 4 | Blue | 4 | Reserved | | 5 | White/Blue | 5 | Reserved | | 6 | Green | 6 | Receive - | | 7 | White/Brown | 7 | Reserved | | 8 | Brown | 8 | Reserved | --- ## 4. Common Applications * **Factory Automation:** Connecting IP67-rated sensors to a central control cabinet. * **Machine Vision:** High-speed data transfer from industrial cameras to a server. * **PLC Communication:** Interfacing Programmable Logic Controllers with standard IT infrastructure.
    ✨ Follow-up Questions
    • ⤷ What is the difference between A-Coded and X-Coded M12 connectors?
    • ⤷ Can this cable be used for Power over Ethernet (PoE) applications?
    • ⤷ What are the environmental temperature limits for the M2ADS-1BC-R?