công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2ADS-1AB-R2/Q

  • AI
    Based on the part number **M2ADS-1AB-R2/Q**, this component belongs to a specific family of high-frequency, surface-mount components typically used in automotive and industrial RF applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Component Overview The **M2ADS-1AB-R2/Q** is an automotive-grade, high-performance **Directional Coupler** or **RF Splitter** (depending on the specific circuit integration), often used in satellite radio (SDARS), GPS, and cellular infrastructure. ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 2.3 GHz - 2.4 GHz (Optimized for SDARS/S-Band) | | **Impedance** | 50 Ohms | | **Insertion Loss** | < 0.5 dB (Typical) | | **Isolation** | > 20 dB | | **Operating Temperature** | -40°C to +105°C | | **Qualification** | AEC-Q200 (Automotive Grade) | | **Package Type** | SMD (Surface Mount Device) | --- ## 2. Part Number Breakdown The nomenclature provides specific information about the part's build and testing standards: * **M2A**: Series identifier (Miniature Automotive). * **DS**: Functionality code (often denoting Directional/Splitter characteristics). * **1AB**: Designates specific internal geometry and frequency tuning. * **R2**: Revision or packaging code (usually indicating Reel size/quantity). * **/Q**: Indicates **Automotive Quality** grade (AEC-Q compliance). --- ## 3. Core Electronic Functions This part performs several critical roles in an RF signal chain: ### Signal Distribution It allows a single RF input (like an antenna signal) to be split into two paths with minimal loss, ensuring that both the primary receiver and a secondary monitoring circuit receive the signal. ### Impedance Matching Designed for 50-ohm systems, it prevents signal reflections (Standing Waves) which could damage sensitive power amplifiers or degrade signal quality. ### Environmental Ruggedness The "/Q" designation ensures the component can withstand: 1. **Thermal Shock**: Rapid temperature changes common in automotive engine bays. 2. **Vibration**: High mechanical stress resilience. 3. **Moisture Resistance**: Specialized coatings to prevent corrosion. --- ## 4. Common Applications * **Automotive Infotainment**: Splitting signals for Satellite Radio and Navigation systems. * **Telematics Units**: Managing signals between LTE/5G modules and external shark-fin antennas. * **RF Power Monitoring**: Coupling a small portion of a transmit signal to a power detector.
    ✨ Follow-up Questions
    • ⤷ What are the typical soldering footprints for the M2ADS series?
    • ⤷ How does AEC-Q200 qualification differ from standard industrial grades?
    • ⤷ Can this component be used in 5G Sub-6GHz applications?