công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2ADS-114-R2

  • AI
    The **M2ADS-114-R2** is a high-performance, industrial-grade micro-PC or single-board computer module typically utilized in automation, edge computing, and digital signage. Below is a detailed breakdown of its electronic components and architecture. --- ### 1. Core Processing Architecture The "heart" of the system is built around high-efficiency silicon designed for multitasking and low thermal output. | Component | Description | Specification (Typical) | | :--- | :--- | :--- | | **CPU** | Integrated Intel® Core™ or Celeron® SoC | Varies by sub-model (often J-series or Core i) | | **Chipset** | System-on-Chip (SoC) | Integrated into the processor for space efficiency | | **TDP** | Thermal Design Power | Usually 10W - 15W for fanless operation | ### 2. Memory and Storage Interfaces The board utilizes standard industrial interfaces to ensure high data throughput and reliability in harsh environments. * **RAM (Memory):** Usually features **SO-DIMM** slots supporting DDR4 non-ECC memory. This allows for modular upgrades compared to soldered-on RAM. * **Storage Slots:** * **M.2 Slot:** Supports NVMe (PCIe) or SATA SSDs for high-speed OS booting. * **SATA III:** Standard 6Gb/s header for 2.5" HDD/SSD expansion. * **mSATA:** Older revisions may include a mini-SATA slot for legacy industrial modules. ### 3. I/O Connectivity (Input/Output) The physical ports are driven by specific controller chips (ICs) on the PCB. | Interface | Type | Electronic Function | | :--- | :--- | :--- | | **Display** | HDMI / DisplayPort | Driven by Intel UHD Graphics engine | | **Ethernet** | RJ45 LAN | Typically Realtek or Intel Gigabit Ethernet controllers | | **USB** | USB 3.0 / 2.0 | Managed by the XHCI controller in the SoC | | **Serial** | RS-232/422/485 | Controlled by a Super I/O chip (e.g., Fintek or Nuvoton) | ### 4. Power Management and Circuitry To survive industrial power fluctuations, the M2ADS-114-R2 includes specialized power regulation components: 1. **DC-to-DC Converters:** Step down the wide input voltage (typically 12V-24V) to the 1.0V, 3.3V, and 5V rails required by the ICs. 2. **Solid Capacitors:** Used instead of electrolytic capacitors to ensure a longer lifespan and better heat resistance. 3. **Protection Diode:** Prevents damage from reverse polarity or over-voltage spikes. ### 5. Expansion and Wireless * **Mini-PCIe / M.2 E-Key:** Dedicated slot for Wi-Fi/Bluetooth modules or 4G/LTE cellular cards. * **SIM Card Slot:** Often found on the underside of the PCB to facilitate mobile data connectivity. --- ### Technical Summary Table | Feature | Detail | | :--- | :--- | | **Form Factor** | Proprietary / Embedded Mini-ITX derivative | | **Operating Temp** | Typically 0°C to 60°C (Industrial Grade) | | **BIOS/Firmware** | UEFI AMI BIOS with Watchdog Timer support |
    ✨ Follow-up Questions
    • ⤷What are the specific power input requirements for the M2ADS-114-R2?
    • ⤷ Does this model support fanless cooling solutions?
    • ⤷ What is the maximum RAM capacity supported by the SO-DIMM slots?