công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AC-AZF-R2SLASHCE

  • AI
    The **M2AC-AZF-R2/CE** is a specific model of an **AC Servo Motor** and driver combination, typically manufactured by **Sanyo Denki** (Sanmotion series). This specific nomenclature refers to a high-performance motion control component used in industrial automation. --- ### 🛠️ Technical Specifications Breakdown The following table outlines the electronic and mechanical characteristics typically associated with this model series: | Feature | Specification Details | | :--- | :--- | | **Motor Type** | AC Synchronous Servo Motor | | **Series** | Sanmotion R (High Inertia / Standard) | | **Power Supply** | AC 200V - 230V (Single or Three Phase) | | **Control Method** | IGBT PWM Control / Sinusoidal Drive | | **Feedback Device** | Incremental or Absolute Encoder | | **Safety Standard** | CE Marking (European Compliance) | | **Brake Option** | Integrated Electromagnetic Brake (indicated by "AZF" sequence) | --- ### 🔍 Key Electronic Components The system consists of two primary electronic "parts" working in tandem: #### 1. The Servo Driver (Amplifier) This is the "brain" of the unit. It contains: * **Power Module (IGBT):** Converts the AC input into a variable frequency/voltage output to drive the motor. * **Microprocessor/DSP:** Handles high-speed calculations for position, speed, and torque loops. * **I/O Interface:** Terminals for Pulse/Direction signals, Analog inputs, and digital outputs (Alarm, Ready, In-Position). #### 2. The Servo Motor This is the "muscle." Its internal electronics include: * **Stator Windings:** Three-phase copper windings that create the magnetic field. * **Encoder Assembly:** A high-resolution optical or magnetic disc mounted on the rear shaft. It sends real-time pulses back to the driver to ensure the motor reached the exact commanded position. * **Thermistors:** Internal heat sensors to prevent winding burnout. --- ### ⚠️ Identification Codes * **AZF:** Usually indicates a specific configuration involving an **Electromagnetic Brake** and a **Flange Size**. * **R2:** Refers to the "R" series generation 2, optimized for high torque-to-inertia ratios. * **CE:** Signifies that the electronic shielding and insulation meet European Union safety, health, and environmental protection requirements. --- ### 💡 Common Applications Because of its high precision and CE rating, this part is commonly found in: 1. **CNC Machinery:** For precise axis movement. 2. **Robotic Arms:** For joint actuation. 3. **Packaging Lines:** Where high-speed start/stop cycles are required. 4. **Semiconductor Equipment:** Where electrical noise (EMI) must be kept to a minimum.
    ✨ Follow-up Questions
    • ⤷What is the specific torque rating for the R2 series motors?
    • ⤷ How do I wire the encoder for an M2AC series driver?
    • ⤷ What are the common alarm codes for Sanyo Denki R-Series drives?