công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AC-AD1-R

  • AI
    The **M2AC-AD1-R** is a specific electronic component typically categorized as a **Signal Conditioner** or **Isolator/Converter** module, manufactured by **M-System** (now part of MG CO., LTD). It is primarily used in industrial automation and process control systems. --- ### 1. General Specifications This device is designed to take an analog input signal and convert it into a standard industrial output signal while providing galvanic isolation. | Feature | Specification | | :--- | :--- | | **Model Series** | M2 Series (Mini-M) | | **Function** | AC Input / DC Output Signal Conditioner | | **Input Type** | AC Voltage or AC Current (Frequency: 40 - 1k Hz) | | **Output Type** | DC Voltage or DC Current (e.g., 4-20mA, 0-10V) | | **Power Input** | 24V DC | | **Isolation** | Input to Output to Power (2000V AC) | | **Mounting** | DIN Rail Mounting | --- ### 2. Breakdown of the Model Number The alphanumeric code provides specific details about the hardware configuration: * **M2**: Refers to the "Mini-M" family, which features a compact, plug-in socket design. * **AC**: Indicates that the input signal is **AC (Alternating Current)**. * **AD1**: This represents the specific range and calibration for the input/output. Usually, `A` denotes an AC input and `D1` specifies the DC output scale. * **R**: Indicates the **Power Input**. In M-System's nomenclature, "R" typically stands for **24V DC**. --- ### 3. Key Electronic Characteristics The M2AC-AD1-R utilizes several internal circuit blocks to achieve its function: #### A. Input Circuit (Rectification & Filtering) Since the input is AC, the device contains a precision rectifier circuit. It converts the AC waveform into a proportional DC level. It is often calibrated for **RMS (Root Mean Square)** or Average sensing. #### B. Isolation Barrier One of the most critical parts of the module is the **Galvanic Isolation**. This prevents high-voltage spikes or ground loops from the AC side from damaging the sensitive DC control equipment (like a PLC or DCS). It uses optical or transformer-based isolation. #### C. Output Scaling The internal operational amplifiers (Op-Amps) scale the rectified signal to a linear DC output. * **Zero/Span Adjustments:** On the front of the unit, there are usually two small potentiometers (trimmer resistors) used to fine-tune the minimum (Zero) and maximum (Span) output levels. --- ### 4. Technical Summary Table | Component Part | Role | | :--- | :--- | | **Transformer/Optocoupler** | Provides 2000V AC isolation between circuits. | | **Rectifier Bridge** | Converts the incoming AC signal to DC. | | **Status LED** | Usually a green LED indicating power status. | | **Plug-in Base** | Allows for replacement without disconnecting wires. | ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the 'R' and 'M2' power options in this series?
    • ⤷ How do I calibrate the Zero and Span on the M2AC-AD1-R?
    • ⤷ Can this module handle non-sinusoidal AC waves?