công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AC-ABF-R2/Q

  • AI
    Based on the part number **M2AC-ABF-R2/Q**, this refers to a specific industrial automation component, typically associated with safety systems such as safety light curtains or safety controllers. --- ### Technical Breakdown of the Part The alphanumeric code follows a standard naming convention for safety modules. Here is the technical breakdown of the electronic characteristics: | Component Segment | Description | Typical Specification | |:---|:---|:---| | **M2AC** | Series/Model Type | Refers to a safety control unit or a multi-beam safety sensor series. | | **ABF** | Functional Features | Often indicates integrated functions like **Asymmetric Blanking** or specific feedback monitoring. | | **R2** | Output Configuration | Indicates **2 Relay Outputs** (Fail-safe NO contacts). | | **Q** | Connection Type | Represents a **Quick Disconnect** M12 connector (Standard for industrial wiring). | --- ### Key Electronic Features 1. **Safety Relays:** The unit utilizes force-guided relays (captured contacts) to ensure that if one contact welds, the other remains open, preventing an unsafe restart. 2. **Monitoring Logic:** * **EDM (External Device Monitoring):** Monitors the state of external contactors. * **Restart Interlock:** Prevents the machine from restarting automatically after a safety violation until a manual reset is triggered. 3. **Power Requirements:** * **Voltage:** Usually operates on **24V DC** (industrial standard). * **Consumption:** Low power draw, typically under 100mA for the logic circuit. 4. **Response Time:** Designed for high-speed switching, usually boasting a response time of **<20ms** to ensure the machinery stops before a person reaches the hazard zone. --- ### Applications * **Safety Light Curtains:** Acting as the interface between the optical sensors and the motor power circuit. * **Emergency Stop Circuits:** Processing signals from E-stop buttons to safely cut power. * **Gate Interlocking:** Managing entry points in robotic cells. --- ### Wiring Interface (Q-Type Connector) The "Q" suffix implies an M12 5-pin or 8-pin connector. Typical pinouts for this class of device include: * **Pin 1:** +24V DC * **Pin 2:** OSSD 1 (Output Signal Switching Device) * **Pin 3:** 0V / GND * **Pin 4:** OSSD 2 * **Pin 5:** Reset / Feedback loop
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for this part number?
    • ⤷ Can you provide a wiring diagram for the R2 relay outputs?
    • ⤷ What is the difference between the R2 and a solid-state OSSD output?