công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AC-A6G-R/CE

  • AI
    The **M2AC-A6G-R/CE** is a high-performance industrial AC Servo Motor manufactured by **Delta Electronics**, belonging to the **ASDA-M series**. This specific model is designed for high-precision motion control applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Series** | ASDA-M (High Performance) | | **Rated Output Power** | 600 Watts (0.6 kW) | | **Rated Torque** | 1.91 N-m | | **Max Torque** | 5.73 N-m | | **Rated Speed** | 3000 RPM | | **Max Speed** | 5000 RPM | | **Encoder Resolution** | 20-bit (approx. 1,280,000 pulses per revolution) | | **Inertia** | Medium Inertia | | **Brake Option** | Integrated (indicated by 'R' in some suffixes) | --- ### 2. Electronic Component Breakdown The "electronic parts" of this motor consist of several critical sub-assemblies that interface with the Servo Drive: #### A. High-Resolution Encoder (20-bit) The most critical electronic component inside the motor. * **Function:** It tracks the absolute position and speed of the motor shaft. * **Precision:** 20-bit resolution allows for extremely smooth motion and sub-micron positioning accuracy. * **Communication:** Uses a high-speed serial protocol to send data back to the ASDA-M drive. #### B. Stator Windings and Magnets * **Permanent Magnets:** High-grade rare earth magnets are mounted on the rotor to ensure high torque density and fast acceleration. * **Stator Coil:** Precision-wound copper coils designed to handle high current pulses from the drive without overheating. #### C. Connector Interface (Military Style) * **Power Plug:** Usually a 4-pin circular connector for U, V, W (Phases) and Ground. * **Encoder Plug:** A multi-pin connector (often 9-pin or similar) that carries the feedback signal and power for the encoder. #### D. Electromagnetic Brake (Optional) The "R" in the model often signifies a built-in electronic brake. * **Logic:** When power is cut, the brake engages to hold the load in place. It requires a 24V DC signal to release. --- ### 3. Application Use Cases Because of its 600W power rating and medium inertia, it is commonly used in: * **CNC Machinery:** For axis control where precision is vital. * **Packaging Machines:** For high-speed synchronized movement. * **Robotic Arms:** Serving as joint actuators. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between this motor and the ASDA-A2 series?
    • ⤷ How do I wire the 24V brake for this specific model?
    • ⤷ What is the compatible Servo Drive model for the M2AC-A6G-R?