M2AC-A36-R/CE
AI

Based on the part number **M2AC-A36-R/CE**, this component is a specific configuration of a **Solenoid-Interlocked Safety Switch**, typically manufactured by brands like **IDEM Safety** or similar industrial automation providers. These devices are used to ensure machine guard doors remain locked until a safe state is reached.
---
## Technical Specifications & Electronic Components
The breakdown of the electronic and mechanical parts is as follows:
### 1. Core Component Overview
| Feature | Description |
| :--- | :--- |
| **Device Type** | Solenoid Guard Locking Switch |
| **Housing Material** | Die-Cast Metal (typically for 'M' series) |
| **Locking Type** | Power-to-Unlock (Spring Lock) or Power-to-Lock |
| **Safety Contacts** | Typically 3NC (Normally Closed) safety circuits |
| **Auxiliary Contacts** | 1NO (Normally Open) for status monitoring |
### 2. Electronic Interface
* **Solenoid Voltage:** Usually 24V DC or 110V/230V AC (indicated by the 'AC' in the string). The solenoid is the electromagnetic coil that moves the internal bolt to lock or unlock the actuator.
* **Switching Elements:** Contains positive-break force contacts. These are physical contacts that are forced open by the entry/exit of the actuator to ensure high-reliability safety signals.
* **LED Diagnostics:** Most versions include integrated LEDs to show the status of the lock (Locked/Unlocked) and the state of the safety circuit.
### 3. Key Features of the "M2AC" Series
1. **High Holding Force:** Designed to hold doors shut with forces often exceeding 2000N to 3000N.
2. **Redundancy:** The internal electronic layout allows for dual-channel wiring to reach **ISO 13849-1 (PLe)** and **SIL3** safety ratings.
3. **Manual Override:** Often features a manual release key (the "R" in the part number often indicates a manual release function) for emergency use during power failures.
---
## Wiring Logic (Typical)
| Pin/Terminal | Function | Purpose |
| :--- | :--- | :--- |
| **A1 / A2** | Solenoid Power | Energizes the internal coil to actuate the lock. |
| **11/12 & 21/22** | Safety Contacts | Wired into the safety relay to stop the machine if the door is opened. |
| **33/34** | Auxiliary Contact | Used for PLC signaling (non-safety). |
---
## Safety Standards (CE Marking)
The **/CE** suffix confirms the part complies with European safety directives:
* **EN 60947-5-1:** Low-voltage switchgear.
* **ISO 14119:** Interlocking devices associated with guards.
* **ISO 13849-1:** Safety-related parts of control systems.
- ⤷
What is the exact voltage requirement for the solenoid in this model?
- ⤷ How do I wire the manual release sensor to a PLC?
- ⤷ What is the difference between Power-to-Lock and Power-to-Unlock versions?