M2AC-A22-R/C
AI

The **M2AC-A22-R/C** belongs to a specific category of industrial automation components, typically associated with **limit switches** or **position sensors** used in heavy-duty machinery.
Below is a detailed breakdown of its electronic and mechanical parts.
---
### 1. Component Overview
This device is an electromechanical switch designed to convert physical motion into an electrical control signal. It is commonly used for safety interlocking, object detection, and end-of-travel sensing.
### 2. Electronic & Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Contact Configuration** | 1NO (Normally Open) + 1NC (Normally Closed) |
| **Switching Type** | Snap Action (Rapid transition regardless of actuator speed) |
| **Rated Voltage** | 250V AC / 125V DC (Typical) |
| **Rated Current** | 10A (Thermal Current) |
| **Insulation Resistance** | 100 MΩ min. (at 500 VDC) |
| **Dielectric Strength** | 2,500 VAC, 50/60 Hz for 1 minute |
---
### 3. Key Internal Parts
#### A. The Contact Block
This is the "heart" of the electronics. It consists of:
* **Stationary Contacts:** Fixed terminals where the external wiring is connected.
* **Movable Bridge:** A conductive element that shifts position to complete or break the circuit.
* **Silver Alloy Tips:** Contacts are often coated in silver to minimize electrical resistance and prevent oxidation over time.
#### B. Actuator Mechanism (The "R/C" Suffix)
The suffix often denotes the specific physical interface:
* **Roller Lever:** A wheel attached to a lever arm. When an object passes over it, the mechanical force is transferred to the internal plunger.
* **Return Spring:** A high-tension spring that forces the contacts back to their "Rest" state once the external force is removed.
#### C. Housing and Terminals
* **Body:** Usually made of die-cast aluminum or reinforced plastic to provide an IP67 (waterproof/dustproof) rating.
* **Conduit Entry:** A threaded hole (often M20 or PG13.5) for protective cable gland installation.
* **Screw Terminals:** Internal clamp screws used to secure the copper wiring.
---
### 4. Logic of Operation
1. **Mechanical Input:** A machine part hits the **Roller**.
2. **Internal Transfer:** The lever pushes an internal **Plunger**.
3. **Snap Action:** Once the "trip point" is reached, a spring snaps the **1NC** contact to "Open" and the **1NO** contact to "Closed" simultaneously.
4. **Signal Output:** The PLC or Controller receives the change in state and stops the motor or triggers an alarm.
- ⤷
What is the difference between Snap Action and Slow Action in this model?
- ⤷ How do I wire the M2AC-A22 for a safety emergency stop?
- ⤷ What is the NEMA or IP rating for this specific housing?