công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AC-A1D-R2/CE

  • AI
    The **M2AC-A1D-R2/CE** is a high-precision, industrial-grade **Signal Conditioner** (specifically a Potentiometer Transmitter) manufactured by **M-System**. It is designed to convert resistance changes from a potentiometer into a standard analog process signal. --- ### ## Technical Specifications Breakdown | Feature | Specification | | :--- | :--- | | **Model Series** | M2 Series (Mini-M) | | **Input Type** | Potentiometer (Total resistance 100 $\Omega$ to 10 k$\Omega$) | | **Output Type** | 4 – 20 mA DC (Direct current) | | **Power Input** | 100 – 240V AC (Operating range 85 – 264V AC) | | **Accuracy** | ±0.1% of span | | **Response Time** | $\leq$ 0.5 seconds (0 – 90%) | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Construction** | Plug-in structure | --- ### ### Electronic Component Breakdown #### 1. Input Circuit (Potentiometer Interface) The device applies a constant reference voltage across the potentiometer. The "A1" designation in the model number indicates that the input is a **Potentiometer** signal. It measures the position of the wiper and converts the fractional resistance into a voltage signal. #### 2. Signal Conditioning & Isolation * **Galvanic Isolation:** The "R2" suffix indicates specific power and isolation characteristics. It uses optoisolators or magnetic transformers to ensure there is no electrical path between the high-voltage power supply, the sensitive sensor input, and the PLC/Controller output. * **Burnout Protection:** The electronics are designed to provide an "Upscale" or "Downscale" error signal if the potentiometer wire breaks. #### 3. Output Circuit The "D" in the model name signifies a **4–20 mA DC** output. This is a current loop output, which is highly resistant to electrical noise and can transmit signals over long distances without voltage drop interference. #### 4. Power Supply (AC) The "M2AC" prefix indicates an AC power requirement. The internal circuitry includes: * **Bridge Rectifier:** To convert AC to DC. * **Switching Regulator:** To provide stable DC voltage to the internal logic and sensors regardless of fluctuations in the 100-240V line. --- ### ### Compliance and Safety (CE) The **CE** suffix confirms the device meets European safety and EMC (Electromagnetic Compatibility) standards. This means the electronic components are shielded to prevent emitting radio frequency interference and are protected against electrostatic discharges (ESD). --- ### ### Terminal Connection Diagram (Typical) ```text Input (Potentiometer) Output (Current Loop) [1] CW (High) -------------- (+) [4] [2] Wiper -------------- (-) [5] [3] CCW (Low) Power Supply [7] L (Line) [8] N (Neutral) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance the 4-20mA output can handle?
    • ⤷ How do you calibrate the Zero and Span on this specific model?
    • ⤷ Is there a DC-powered version of this signal conditioner?