công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M24M01-R_09

  • AI
    ## Technical Overview: M24M01-R EEPROM The **M24M01-R** is a 1-Mbit (128 KB) Serial I2C Bus EEPROM (Electrically Erasable Programmable Memory) manufactured by STMicroelectronics. It is designed for low-voltage applications, commonly used in consumer electronics, industrial sensors, and medical devices for data logging and parameter storage. --- ### 1. Key Specifications The following table outlines the core electronic characteristics of the M24M01-R device: | Parameter | Value/Range | | :--- | :--- | | **Memory Density** | 1 Megabit (1,024,000 bits / 128 KB) | | **Interface** | I2C (Two-Wire Serial) | | **Operating Voltage (Vcc)** | 1.8V to 5.5V | | **Clock Frequency** | 1 MHz (Fast-mode Plus), 400 kHz, 100 kHz | | **Page Size** | 256 Bytes | | **Write Cycle Time** | 5 ms (Max) | | **Endurance** | 4 Million Write Cycles | | **Data Retention** | 200 Years | --- ### 2. Pin Configuration and Functions The device typically comes in 8-pin packages (SO8, TSSOP8, or WLCSP). The pinout functions are critical for electronic integration: * **SDA (Serial Data):** Bi-directional pin used to transfer data in and out of the device. * **SCL (Serial Clock):** Input used to synchronize all data transfers. * **A1, A2 (Address Inputs):** Used to set the hardware chip address. This allows up to 4 devices to be connected to the same I2C bus. * *Note: On the 1-Mbit version, A0 is typically not used for addressing to allow for internal bit mapping.* * **WC (Write Control):** A hardware protection pin. * If tied to **Vcc**, the memory is write-protected (Read-only). * If tied to **Vss (GND)**, the memory is write-enabled. * **Vcc / Vss:** Power supply and Ground. --- ### 3. Electronic Design Considerations When integrating this part into a circuit, pay attention to these three electronic aspects: #### A. Pull-up Resistors Since the SDA and SCL lines are open-drain, they require external pull-up resistors (typically **2.2kΩ to 10kΩ**) connected to Vcc. #### B. Decoupling Capacitor To filter high-frequency noise and stabilize the power supply, a **0.1µF (100nF) ceramic capacitor** should be placed as close as possible between the Vcc and Vss pins. #### C. Device Addressing The I2C device select code is `1010` (binary). For the M24M01, the address includes: 1. **Fixed Code:** `1010` 2. **Hardware Pins:** `A2`, `A1` 3. **Address Roll-over Bit:** Since the memory exceeds 64KB, an extra bit in the device code is used to select the upper or lower 512-Kbit block. --- ### 4. Part Number Suffix "_09" The suffix **"09"** in STMicroelectronics nomenclature usually refers to a specific manufacturing process or a target automotive/industrial grade, but in the context of the M24M01-R, it often points to a **specific die revision** or a **high-reliability process** (often associated with the "R" suffix for 1.8V low voltage operation).
    ✨ Follow-up Questions
    • ⤷ How do I calculate the correct pull-up resistor value for a 1MHz I2C bus?
    • ⤷ What is the difference between Byte Write and Page Write modes in this EEPROM?
    • ⤷ Can the M24M01-R be used with a 3.3V microcontroller like an ESP32 or STM32?