M24M01-R_08
AI

## Overview of the M24M01-R EEPROM
The **M24M01-R** is a 1-Megabit (128 KB) serial EEPROM (Electrically Erasable Programmable Memory) device. It is designed for low-voltage applications and communicates via the **I²C (Inter-Integrated Circuit)** protocol.
The suffix **"08"** usually refers to the specific package type (typically the TSSOP8) or a specific process technology generation depending on the manufacturer's datasheet revision.
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Memory Size** | 1 Mbit (1,048,576 bits) |
| **Organization** | 128,000 x 8 bits (128 KB) |
| **Interface** | I²C (Serial 2-Wire) |
| **Clock Frequency** | 1 MHz (Fast-mode Plus), 400 kHz, or 100 kHz |
| **Supply Voltage (Vcc)** | 1.8V to 5.5V (R-series denotes low voltage) |
| **Operating Temperature** | -40°C to +85°C |
| **Page Write Size** | 256 Bytes |
| **Write Endurance** | 4 Million cycles (at 25°C) |
| **Data Retention** | 200 Years |
---
### 2. Functional Pinout (8-Pin Configuration)
Most variations of the M24M01 come in an 8-pin package (SO8 or TSSOP8).
1. **E2 (Address Input):** Used to set the hardware chip address.
2. **SDA (Serial Data):** Bi-directional pin used to transfer data in and out.
3. **SCL (Serial Clock):** Used to synchronize data transfer.
4. **WC (Write Control):** A hardware protection pin. If tied to Vcc, write operations are inhibited.
5. **Vss:** Ground.
6. **Vcc:** Supply voltage.
---
### 3. Core Features & Mechanics
#### I²C Addressing
Because it is a 1-Mbit device, the internal memory space exceeds what a single 8-bit address can cover. The device uses:
* A **Device Select Code** (1010).
* A **Chip Enable bit** (E2).
* **Two Address Bytes** (16 bits) to navigate the 128 KB of data.
#### Byte and Page Write
* **Byte Write:** Allows the programmer to change a single byte at a specific address.
* **Page Write:** Allows up to **256 bytes** to be written in a single write cycle, significantly improving throughput for large data sets.
#### Low Power Consumption
* **Active Read Current:** ~2 mA.
* **Standby Current:** < 5 µA (at 1.8V), making it ideal for battery-powered devices.
---
### 4. Application Use Cases
* **Configuration Storage:** Storing user settings or calibration data in consumer electronics.
* **Data Logging:** Buffering sensor data before transmission.
* **Firmware Storage:** Holding small bootloader codes or look-up tables.
* **Medical Devices:** Reliable data retention for critical patient parameters.
---
### 5. Implementation Example (Pseudo-code)
To communicate with the M24M01 using a microcontroller, you would typically use an I²C library:
```c
// Example: Writing a byte to address 0x0001
I2C_Start();
I2C_Send_Byte(0xA0); // Device Address (Write mode)
I2C_Send_Byte(0x00); // High Address Byte
I2C_Send_Byte(0x01); // Low Address Byte
I2C_Send_Byte(0x55); // Data to be stored (0x55)
I2C_Stop();
// Note: Internal Write Cycle takes approx 5ms
```
- ⤷What is the difference between the M24M01-R and the M24M01-DF version?
- ⤷ How do I calculate the I2C pull-up resistor values for a 1MHz clock speed?
- ⤷ What happens if I exceed the 256-byte page write limit?