AI

The **M24C64-RMB5TG** (noting the common suffix variant for tape and reel packaging) is a 64-Kbit serial I2C bus EEPROM produced by STMicroelectronics. It is widely used in electronics for non-volatile data storage in space-constrained applications.
---
## 1. Technical Specifications
Below are the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 64 Kbit (8,192 x 8 bits) |
| **Interface** | I2C (Serial) |
| **Clock Frequency** | 1 MHz (Fast-mode Plus), 400 kHz, 100 kHz |
| **Supply Voltage (Vcc)** | 1.8V to 5.5V |
| **Operating Temperature** | -40°C to +85°C |
| **Write Cycle Time** | 5 ms (Maximum) |
| **Endurance** | 4 Million Write Cycles |
| **Data Retention** | 200 Years |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
---
## 2. Key Internal Components & Architecture
### Memory Array
The device is organized as **8192 bytes of 8 bits each**. It is divided internally into **32-byte pages**. This allows for efficient writing, as you can write a single byte or a full page in one 5ms cycle.
### Control Logic
* **I2C Interface Block:** Handles the Start/Stop conditions, device addressing, and data acknowledgment (ACK/NACK).
* **Write Protection (WC):** A hardware pin (Write Control) that, when held high, prevents write operations to the memory, protecting data from accidental corruption.
* **Address Inputs (E0, E1, E2):** These pins allow you to hardware-address up to 8 different M24C64 devices on the same I2C bus.
---
## 3. Pin Configuration
For the **UFDFPN8** package commonly associated with the RMB5 suffix:
| Pin | Name | Type | Description |
| :--- | :--- | :--- | :--- |
| 1 | E0 | Input | Chip Enable (Address bit 0) |
| 2 | E1 | Input | Chip Enable (Address bit 1) |
| 3 | E2 | Input | Chip Enable (Address bit 2) |
| 4 | Vss | Supply | Ground |
| 5 | SDA | I/O | Serial Data |
| 6 | SCL | Input | Serial Clock |
| 7 | WC | Input | Write Control (Active High) |
| 8 | Vcc | Supply | Power Supply |
---
## 4. Usage Considerations
### Low Power Operation
The "R" in the part number indicates a specific voltage range (1.8V to 5.5V), making it ideal for battery-powered devices. In standby mode, the current consumption drops to less than **2 µA**.
### Page Write Buffering
When programming the chip, if you write more than 32 bytes in a single burst, the internal address counter will "roll over" to the beginning of the current page, potentially overwriting previous data.
### Pull-up Resistors
Because the SDA and SCL lines are **open-drain**, you must include external pull-up resistors (typically 4.7kΩ to 10kΩ) on the PCB to ensure the signals return to a logical high state.
---
- ⤷
What are the main differences between the M24C64 and the M24C32 models?
- ⤷ How does the Write Control (WC) pin function during a firmware update?
- ⤷ What is the recommended I2C pull-up resistor value for 1MHz operation?