M24C64-RMB5TGA
AI

The **M24C64-RMB5TG** is a high-performance, 64-Kbit serial I2C EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. It is specifically designed for low-voltage applications.
---
## 1. Technical Specifications
Below is a summary of the core electronic parameters for this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 64 Kbit (8,192 x 8 bits) |
| **Interface** | I²C (Two-wire serial) |
| **Clock Frequency** | 400 kHz (Fast Mode) / 1 MHz (Fast Mode Plus) |
| **Operating Voltage ($V_{CC}$)** | 1.8V to 5.5V |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
| **Write Cycle Time** | 5 ms (Max) |
| **Endurance** | 4 million write cycles |
| **Data Retention** | 200 years |
---
## 2. Pin Configuration (UFDFPN8)
The device uses an 8-pin layout to handle communication and device addressing:
1. **E0, E1, E2:** Chip Enable inputs. These allow up to 8 devices to share the same I2C bus by setting unique hardware addresses.
2. **Vss:** Ground.
3. **SDA:** Serial Data. Bi-directional pin used to transfer data in and out.
4. **SCL:** Serial Clock. Provides the timing for data transfer.
5. **WC:** Write Control. A hardware protection pin. If tied to $V_{CC}$, the memory is write-protected.
6. **Vcc:** Power Supply.
---
## 3. Key Electronic Features
### A. I²C Protocol Support
The device acts as a "Slave" on the bus. It supports:
* **Byte Write:** Writing a single byte to a specific address.
* **Page Write:** Writing up to 32 bytes in a single instruction, significantly increasing throughput.
* **Random/Sequential Read:** Flexible data retrieval methods.
### B. Write Protection
The **WC (Write Control)** pin is a critical safety feature. When driven high, it inhibits all write operations to the EEPROM, preventing accidental data corruption due to noise or software bugs.
### C. Low Power Consumption
Designed for battery-operated devices, it features:
* **Active Read Current:** < 2 mA
* **Standby Current:** < 1 µA (at 1.8V)
---
## 4. Part Number Breakdown (M24C64-RMB5TG)
* **M24:** I²C family of EEPROMs.
* **C64:** 64 Kbit density.
* **-R:** Operating voltage range of 1.8V to 5.5V.
* **MB:** UFDFPN8 package (2x3 mm).
* **5:** Indicates Device Grade 5 (Operating temperature -40 to +85 °C).
* **TG:** Tape and Reel packaging.
- ⤷
What is the maximum I2C bus speed supported by this chip?
- ⤷ How does the Write Control (WC) pin function in a circuit?
- ⤷ What are the advantages of the UFDFPN8 package over standard SO8 packages?