công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M24C32-RMB6P

  • AI
    ## Technical Overview of M24C32-RMB6P The **M24C32-RMB6P** is a 32-Kbit serial I²C bus EEPROM (Electrically Erasable Programmable Memory) manufactured by STMicroelectronics. It is designed for low-voltage applications and is commonly used for parameter storage in consumer electronics and industrial devices. --- ### 1. Key Specifications The following table highlights the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Memory Size** | 32 Kbit (4,096 x 8 bits) | | **Interface** | I²C (Two-wire serial) | | **Supply Voltage (Vcc)** | 1.8V to 5.5V | | **Clock Frequency** | 1 MHz (Fast-mode Plus), 400 kHz, 100 kHz | | **Package Type** | UFDFPN8 (MLP8) - 2x3 mm | | **Operating Temp** | -40°C to +85°C | | **Write Cycles** | More than 4 million cycles | | **Data Retention** | More than 200 years | --- ### 2. Pin Configuration (UFDFPN8) The device typically uses an 8-pin layout. Understanding these pins is critical for hardware integration: * **E0, E1, E2 (Inputs):** Chip Address inputs. These allow up to 8 devices to share the same I²C bus by assigning each a unique hardware address. * **SDA (I/O):** Serial Data. This is the bidirectional pin used to transfer data in and out of the device. * **SCL (Input):** Serial Clock. This provides the timing for the data transfer. * **WC (Input):** Write Control. This is a hardware protection pin. If tied to Vcc, write operations are inhibited (read-only mode). If tied to GND, the memory is writable. * **Vcc / Vss:** Power supply and Ground. --- ### 3. Electronic Functional Parts #### A. Memory Array The core of the chip is a 32,768-bit non-volatile memory organized into **128 pages of 32 bytes each**. Write operations can be performed byte-by-byte or in page mode (up to 32 bytes at once). #### B. The I²C Protocol Logic This internal block handles the communication handshake: * **Start/Stop Bit Detection:** Recognizes when the master initiates or terminates communication. * **Device Addressing:** Matches the hardware E0-E2 pins against the address sent over the bus. * **Acknowledge (ACK):** Generates the pulse after every byte received to confirm successful transmission. #### C. Write Protection Logic The **WC (Write Control)** pin acts as a gatekeeper. Inside the chip, this pin is connected to the internal high-voltage generator. When WC is high, the internal programming voltage is disabled, preventing accidental data corruption or unauthorized overwriting. --- ### 4. Part Number Breakdown (M24C32-RMB6P) Understanding the suffix helps in sourcing the exact component: * **M24:** I²C Serial Access EEPROM. * **C32:** 32 Kbit capacity. * **-R:** Operating voltage range of 1.8V to 5.5V. * **MB:** Package type (UFDFPN8, also known as MLP8). * **6:** Industrial temperature range (-40 to 85°C). * **P:** RoHS compliant and Halogen-free (ECOPACK2). --- ### 5. Implementation Example (C++ Pseudo-code) To communicate with this part via an Arduino or similar MCU: ```cpp #include #define EEPROM_ADDR 0x50 // Base address for M24C32 void writeEEPROM(uint16_t address, uint8_t data) { Wire.beginTransmission(EEPROM_ADDR); Wire.write((int)(address >> 8)); // MSB of address Wire.write((int)(address & 0xFF)); // LSB of address Wire.write(data); // Data byte Wire.endTransmission(); delay(5); // Internal write cycle time } ```
    ✨ Follow-up Questions
    • ⤷How does the 'Page Write' feature improve performance compared to byte writing?
    • ⤷ What are the specific pull-up resistor requirements for the SDA/SCL lines on this chip?
    • ⤷ Can you explain the difference between the M24C32-R and the M24C32-F variants?