công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M24C32-RMB6/P

  • AI
    The **M24C32-RMB6/P** is a specific variant of a serial EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by **STMicroelectronics**. It is widely used for non-volatile data storage in consumer electronics and industrial applications. --- ### 1. Key Technical Specifications The technical parameters for this specific part number are detailed below: | Feature | Specification | | :--- | :--- | | **Memory Size** | 32 Kbit (4,096 x 8 bits) | | **Interface** | I²C (Inter-Integrated Circuit) Serial | | **Operating Voltage** | 1.8V to 5.5V | | **Clock Frequency** | 400 kHz (Fast Mode), 1 MHz (Fast Mode Plus) | | **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) | | **Temperature Range** | -40°C to +85°C (Industrial Grade) | | **Write Cycles** | More than 4 million cycles | | **Data Retention** | Over 200 years | --- ### 2. Breakdown of the Part Number The nomenclature used by STMicroelectronics defines the specific properties of the chip: * **M24**: Refers to the I²C Serial EEPROM family. * **C32**: Indicates the density (32 Kbits). * **-R**: Signifies the voltage range (1.8V to 5.5V). * **MB**: Represents the package type (**UFDFPN8** 2x3 mm). * **6**: Indicates the temperature range (Industrial, -40°C to 85°C). * **P**: Refers to RoHS compliance and "EcoPack2" (lead-free/halogen-free). --- ### 3. Pin Configuration (UFDFPN8) | Pin Number | Name | Description | | :--- | :--- | :--- | | 1, 2, 3 | E0, E1, E2 | Chip Enable (Address inputs) | | 4 | VSS | Ground | | 5 | SDA | Serial Data (Bidirectional) | | 6 | SCL | Serial Clock (Input) | | 7 | WC | Write Control (Hardware Write Protection) | | 8 | VCC | Supply Voltage | --- ### 4. Functional Features * **Byte and Page Write:** Supports writing a single byte or a full page (up to 32 bytes) in a single write cycle. * **Random and Sequential Read:** Data can be read starting from any address or sequentially across the entire memory. * **Write Protection:** The **WC (Write Control)** pin allows the user to hardware-lock the memory to prevent accidental data overwriting. When tied to VCC, the memory becomes read-only. * **Low Power Consumption:** Designed for battery-operated devices with a very low standby current. --- ### 5. Common Applications 1. **Configuration Storage:** Storing calibration data or user settings in smart appliances. 2. **Product Identification:** Storing serial numbers and version info on PC motherboards or peripherals. 3. **Medical Devices:** Reliable data logging for portable diagnostic tools. 4. **IoT Nodes:** Buffering small amounts of sensor data before transmission.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the M24C32-R and the M24C32-W versions?
    • ⤷ How do you wire the Chip Enable (E0-E2) pins to use multiple EEPROMs on the same I2C bus?
    • ⤷ What is the maximum write time (tW) for a single page in this device?