công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M24C32-RMB5TPA

  • AI
    ## M24C32-RMB5TG: 32-Kbit I2C Serial EEPROM The **M24C32-RMB6TG** (often referred to by its series name M24C32) is a high-performance, electrically erasable programmable memory (EEPROM) manufactured by STMicroelectronics. It is widely used for parameter storage, configuration data, and low-power logging. --- ### 1. Key Specifications Below are the primary technical parameters for the M24C32 series: | Parameter | Specification | | :--- | :--- | | **Memory Size** | 32 Kbit (4,096 bytes x 8 bits) | | **Interface** | I2C (Two-Wire Serial) | | **Operating Voltage** | 1.8V to 5.5V | | **Clock Frequency** | 400 kHz (Fast Mode) / 1 MHz (Fast Mode Plus) | | **Page Size** | 32 Bytes | | **Write Endurance** | 4 Million Write Cycles | | **Data Retention** | 200 Years | | **Operating Temp** | -40°C to +85°C | --- ### 2. Pin Configuration & Functionality Most variations of this part (like the UFDFPN5 or TSSOP8 packages) follow a standard I2C pinout: 1. **SDA (Serial Data):** Bi-directional pin used to transfer data in and out of the device. 2. **SCL (Serial Clock):** Used to synchronize data transfer. 3. **WC (Write Control):** A hardware protection pin. If tied to $V_{CC}$, write operations are inhibited. If tied to $V_{SS}$ (Ground), writes are enabled. 4. **VCC / VSS:** Power supply and Ground. 5. **E0, E1, E2:** Address inputs that allow up to eight M24C32 devices to share the same I2C bus. --- ### 3. Core Features * **Byte and Page Write:** You can write a single byte or a full page (32 bytes) in one instruction cycle. A page write takes approximately **5ms**. * **Random and Sequential Read:** Supports reading from a specific address or streaming data sequentially across the entire memory array. * **Enhanced ESD Protection:** Designed to withstand high electrostatic discharge, making it robust for industrial environments. * **Low Power Consumption:** * Active Read Current: < 2 mA * Standby Current: < 1 µA (at 1.8V) --- ### 4. Typical Application Circuit When integrating the M24C32 into a circuit, pull-up resistors are required for the I2C lines. ```cpp // Typical I2C Pull-up values: // 4.7k Ohms for 400kHz operation // 1.0k Ohms for 1MHz operation [MCU] [M24C32] SDA <----------+----> SDA SCL <------+---|----> SCL | | [R] [R] (Pull-up resistors to VCC) | | VCC -------+---+----> VCC GND ----------------> VSS ``` --- ### 5. Part Number Breakdown (RMB5TG) * **M24C32:** 32 Kbit Serial I2C EEPROM. * **-R:** Operating voltage range of 1.8V to 5.5V. * **MB:** Package code (likely UFDFPN5 - Ultra-thin Fine pitch Dual Flat No-lead). * **5:** Temperature range (-40 to +85 °C). * **TG:** Tape and Reel packing.
    ✨ Follow-up Questions
    • ⤷ What is the maximum I2C bus speed supported by the M24C32-R?
    • ⤷ How does the Write Control (WC) pin function for data protection?
    • ⤷ What are the physical dimensions of the UFDFPN5 package?