công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M24C32-RMB3TP

  • AI
    ### Technical Overview: M24C32-RMB3TP The **M24C32-RMB3TP** is a high-performance, low-voltage **32-Kbit I²C Serial EEPROM** (Electrically Erasable Programmable Read-Only Memory) manufactured by **STMicroelectronics**. It is widely used for non-volatile parameter storage in compact electronic devices. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Size** | 32 Kbit (4,096 bytes x 8 bits) | | **Interface** | I²C (Inter-Integrated Circuit) | | **Supply Voltage ($V_{CC}$)** | 1.8V to 5.5V | | **Clock Frequency** | 400 kHz (Fast Mode) or 1 MHz (Fast Mode Plus) | | **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) | | **Operating Temperature** | -40°C to +85°C | | **Write Cycles (Endurance)** | 4 Million cycles | | **Data Retention** | 200 Years | --- ### 2. Functional Components * **Memory Array:** The core storage area organized as 4096 bytes. It is structured into pages of **32 bytes each** for efficient writing. * **I²C Control Logic:** Handles the communication protocol, including device addressing, start/stop conditions, and acknowledgment (ACK/NACK) signals. * **Write Protection (WC Pin):** A hardware pin that, when pulled high, protects the entire memory contents from being overwritten. * **Address Inputs ($E_0, E_1, E_2$):** These pins allow up to eight M24C32 devices to be connected to the same I²C bus by assigning each a unique hardware address. --- ### 3. Pinout Configuration (UFDFPN8) | Pin Name | Function | Description | | :--- | :--- | :--- | | **E0, E1, E2** | Address Inputs | Used to define the device's I²C address. | | **SDA** | Serial Data | Bidirectional pin used to transfer data in and out. | | **SCL** | Serial Clock | The clock signal that synchronizes data transfer. | | **WC** | Write Control | Hardware write protection (Active High). | | **VCC** | Power Supply | Positive supply voltage. | | **VSS** | Ground | Reference ground. | --- ### 4. Implementation Details #### Communication Protocol The device acts as a **Slave** on the I²C bus. To communicate, the Master must send a 7-bit Device Select Code (typically `1010` followed by the $E_2, E_1, E_0$ values). #### Power Management The "R" in the part number indicates a specific voltage range (1.8V to 5.5V), and the "M" indicates the UFDFPN8 package. These parts are optimized for low power consumption, drawing very little current in Standby mode ($<3 \mu A$). --- ### 5. Common Applications * **Consumer Electronics:** Storing user settings in smartwatches or headphones. * **Industrial:** Storing calibration data and serial numbers. * **Medical:** Log data for portable diagnostic tools.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the specific I2C address based on the E0-E2 pin connections?
    • ⤷ What is the difference between Page Write and Byte Write modes for this chip?
    • ⤷ Can this EEPROM be used with a 3.3V microcontroller like an ESP32 or Arduino?