M24C08-RDS3TP/W
AI

## Technical Overview of M24C08-RDS3TP/W
The **M24C08-RDS3TP/W** is a specific variant of the M24C08 family, which is an 8-Kbit serial I²C (Inter-Integrated Circuit) EEPROM (Electrically Erasable Programmable Read-Only Memory). It is manufactured by **STMicroelectronics**.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 8 Kbits (1024 x 8 bits) |
| **Interface** | I²C Serial (2-wire) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Clock Frequency** | 400 kHz (Fast Mode) or 1 MHz (Fast Mode Plus) |
| **Package Type** | TSSOP8 (Thin Shrink Small Outline Package) |
| **Temperature Range** | -40°C to +125°C (Automotive Grade / Grade 3) |
| **Endurance** | 4 million Write cycles |
| **Data Retention** | 200 years |
---
### 2. Part Number Breakdown
Understanding the suffix helps identify the specific environmental and packaging constraints:
* **M24C08**: Base part number (8-Kbit I²C EEPROM).
* **-R**: Operating voltage range (1.8V to 5.5V).
* **DS**: Indicates the package is a TSSOP8.
* **3**: Device grade (Automotive/Industrial grade, -40 to +125°C).
* **TP**: Tape & Reel packaging.
* **/W**: Indicates a high-reliability process or specific manufacturing site (often linked to automotive certifications).
---
### 3. Pin Configuration (TSSOP8)
| Pin | Symbol | Description |
| :--- | :--- | :--- |
| 1-3 | E0, E1, E2 | Chip Enable (Address inputs) |
| 4 | VSS | Ground |
| 5 | SDA | Serial Data (Bidirectional) |
| 6 | SCL | Serial Clock |
| 7 | WC | Write Control (Hardware Write Protection) |
| 8 | VCC | Supply Voltage |
---
### 4. Functional Features
#### A. Memory Organization
The 8-Kbit memory is organized as **4 blocks of 256 bytes**. Because the I²C address space only supports 8-bit addressing per block, the device uses bits within the "Device Select Code" to switch between the 4 internal blocks.
#### B. Write Protection (WC Pin)
* If **WC** is high (connected to VCC), the entire memory is write-protected.
* If **WC** is low (connected to VSS), the write operations are enabled.
#### C. Byte and Page Write
The device supports:
* **Byte Write**: Writing a single byte of data.
* **Page Write**: Writing up to **16 bytes** in a single burst, provided they are within the same page boundary.
---
### 5. Common Applications
* **Automotive Systems**: Storing calibration data or error logs in harsh environments.
* **Consumer Electronics**: Storing user settings, channel presets, or configuration constants.
* **Industrial Modules**: Parameters for sensors and actuators.
---
- ⤷
What are the main differences between the M24C08 and the M24C16 variants?
- ⤷ How do you implement the I2C addressing for this specific 8-Kbit chip?
- ⤷ What happens to the data if the VCC falls below 1.8V during a write cycle?