công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M24C08-RDS3TP

  • AI
    ## M24C08-RDS3TP: Electronic Specifications and Overview The **M24C08-RDS3TP** is an 8-Kbit I²C-compatible Electrically Erasable Programmable Read-Only Memory (EEPROM) manufactured by STMicroelectronics. It is designed for low-power, low-voltage applications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Size** | 8 Kbit (1024 bytes) | | **Memory Organization** | 4 blocks of 256 bytes (total 1024 x 8 bits) | | **Interface** | I²C (Two-Wire Serial) | | **Clock Frequency** | 400 kHz (Fast Mode) / 100 kHz (Standard) | | **Supply Voltage (Vcc)** | 1.8V to 5.5V | | **Package Type** | TSSOP8 (Thin Shrink Small Outline Package) | | **Operating Temperature** | -40°C to +125°C | | **Write Cycle Time** | 5 ms (Max) | --- ### 2. Pin Configuration (TSSOP8) | Pin Number | Name | Type | Description | | :--- | :--- | :--- | :--- | | 1-3 | E0, E1, E2 | Input | Chip Enable (Hardware address pins) | | 4 | VSS | Power | Ground | | 5 | SDA | I/O | Serial Data (Open-drain) | | 6 | SCL | Input | Serial Clock | | 7 | WC | Input | Write Control (Hardware protection) | | 8 | VCC | Power | Supply Voltage | --- ### 3. Core Features #### A. Write Protection (WC Pin) The **Write Control (WC)** pin provides hardware data protection. * **WC = High (Vcc):** The entire memory is protected; write attempts are ignored. * **WC = Low (GND):** The memory can be written to normally. #### B. Byte and Page Write The device supports both **Byte Write** and **Page Write**. A Page Write allows up to **16 bytes** to be written in a single cycle, significantly improving throughput for large data sets. #### C. Data Retention and Endurance * **Endurance:** More than 4 million write cycles. * **Data Retention:** Over 200 years (at room temperature). --- ### 4. Part Number Breakdown The suffix `RDS3TP` provides specific information about the packaging and temperature grade: * **M24C08**: Base part number (8 Kbit EEPROM). * **-R**: Device operates at 1.8V to 5.5V. * **DS**: TSSOP8 package (169 mil width). * **3**: Temperature range -40 to +125 °C (Automotive grade / High reliability). * **TP**: Tape and Reel packaging. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between M24C08 and M24C16 in the same family?
    • ⤷ How do you address the four different blocks in an 8-Kbit I2C EEPROM?
    • ⤷ What are the pull-up resistor requirements for the SDA and SCL lines?