công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M24C08-RCT6TP/S

  • AI
    ## M24C08-RCT6TP/S: Technical Overview The **M24C08-RCT6TP/S** is a specific variant of the M24C08 family of serial EEPROM (Electrically Erasable Programmable Read-Only Memory) devices manufactured by **STMicroelectronics**. It is widely used for non-volatile data storage in consumer electronics, industrial controls, and medical devices. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Size** | 8 Kbit (1024 x 8 bits) | | **Interface** | I²C (Inter-Integrated Circuit) Serial | | **Supply Voltage (Vcc)** | 1.8V to 5.5V | | **Clock Frequency** | 400 kHz (Fast Mode) or 1 MHz (Fast Mode Plus) | | **Write Cycles** | More than 4 million cycles | | **Data Retention** | Over 200 years | | **Package Type** | TSSOP8 (Thin Shrink Small Outline Package) | --- ### 2. Breakdown of the Part Number Understanding the suffixes helps identify the specific environmental and packaging standards: * **M24C08**: The base series (8 Kbit I²C EEPROM). * **-R**: Indicates the operating voltage range (1.8V to 5.5V). * **C**: Refers to the internal hardware configuration (often related to capacitance/timing). * **T6**: **T** stands for TSSOP8 package; **6** indicates the industrial temperature range (-40°C to +85°C). * **TP**: Indicates **Tape & Reel** packaging for automated assembly. * **S**: Often denotes a specific process technology or high-reliability screening (Automotive or specific assembly line). --- ### 3. Core Functional Features * **Byte and Page Write**: Supports writing a single byte or a page of up to 16 bytes. * **Random and Sequential Read**: Data can be accessed from a specific address or streamed sequentially. * **Hardware Write Protection**: Includes a `WC` (Write Control) pin. When tied to High (Vcc), the entire memory becomes read-only, protecting data from accidental corruption. * **Low Power Consumption**: Consumes very little current (typically <1µA in standby), making it ideal for battery-powered applications. --- ### 4. Pin Configuration (TSSOP8) | Pin # | Name | Description | | :--- | :--- | :--- | | 1-3 | E0, E1, E2 | Chip Enable (Address) inputs to define the device's I2C address. | | 4 | Vss | Ground. | | 5 | SDA | Serial Data (Bidirectional). | | 6 | SCL | Serial Clock input. | | 7 | WC | Write Control (Hardware protection). | | 8 | Vcc | Supply Voltage. | --- ### 5. Common Applications * **Parameter Storage**: Storing calibration data or user settings in smart appliances. * **Identification**: Storing serial numbers or MAC addresses in networking equipment. * **Firmware Configuration**: Storing boot-up flags or lookup tables for microcontrollers.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'F' voltage variants in the M24C08 series?
    • ⤷ How does the 'WC' pin specifically prevent unauthorized write operations?
    • ⤷ Can this EEPROM be used in automotive applications requiring AEC-Q100 qualification?