công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M24C04-RDS3T

  • AI
    ## Technical Overview of the M24C04-RDS3T The **M24C04-RDS3T** is a 4-Kbit serial I2C bus EEPROM (Electrically Erasable Programmable Memory) manufactured by **STMicroelectronics**. It is widely used for parameter storage in consumer electronics, industrial sensors, and medical devices. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Size** | 4 Kbit (512 bytes) | | **Interface** | I2C (Two-Wire Serial) | | **Operating Voltage** | 1.7V to 5.5V | | **Clock Frequency** | 400 kHz (Fast Mode) / 1 MHz (Fast Mode Plus) | | **Package Type** | TSSOP8 (Thin Shrink Small Outline Package) | | **Temperature Range** | -40°C to +125°C (Automotive Grade 3) | | **Write Cycles** | 4 Million cycles | | **Data Retention** | 200 Years | --- ### 2. Pin Configuration (TSSOP8) The M24C04-RDS3T uses a standard 8-pin layout. Below is the breakdown of the electronic connections: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1, 2, 3 | NC / E2 | **Not Connected / Chip Enable.** In the 4-Kbit version, E2 is used for addressing, while E0/E1 are internal. | | 4 | VSS | Ground. | | 5 | SDA | **Serial Data.** Bi-directional pin for transferring addresses and data. | | 6 | SCL | **Serial Clock.** Synchronizes data transfer. | | 7 | WC | **Write Control.** Hardware protection. Connect to VSS for writing; VCC to protect. | | 8 | VCC | Supply Voltage (1.7V to 5.5V). | --- ### 3. Core Functionality #### I2C Communication The device acts as a **Slave** on the I2C bus. It uses a 7-bit device address. Because it is a 4-Kbit memory, it is organized as two blocks of 256 bytes. One bit of the device select code is used to choose between the upper and lower blocks. #### Write Protection (WC Pin) This is a critical hardware feature for data integrity: - **WC at Low (VSS):** The entire memory can be written to. - **WC at High (VCC):** The entire memory is write-protected (read-only). #### Byte and Page Write - **Byte Write:** Allows changing a single byte at a specific address. - **Page Write:** Allows writing up to **16 bytes** in a single write cycle, significantly increasing efficiency for larger data sets. --- ### 4. Part Number Decoding Understanding the suffix `RDS3T`: * **M24C04:** 4 Kbit I2C EEPROM. * **-R:** Operating voltage of 1.8V to 5.5V. * **DS:** TSSOP8 package (ECOPACK2 compliant). * **3:** Device tested for Grade 3 temperatures (-40 to +125°C). * **T:** Tape and Reel packaging. --- ### 5. Application Circuit Example ```c // Example I2C Write logic (Pseudo-code) void writeEEPROM(uint8_t blockAddr, uint8_t dataAddr, uint8_t data) { I2C_Start(); I2C_Send_DeviceAddress(0xA0 | (blockAddr << 1)); // 0xA0 is base address I2C_Send_MemoryAddress(dataAddr); I2C_Send_Data(data); I2C_Stop(); Delay(5); // Internal Write Cycle time (tW) } ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the M24C04 and the M24C08 models?
    • ⤷ How does the Write Control (WC) pin behave if it is left floating?
    • ⤷ What is the typical internal write cycle time for this EEPROM?