M24C02-RMB6T/W
AI

The **M24C02-RMB6T/W** is a specific variant of the M24C02 series produced by STMicroelectronics. It is a 2-Kbit serial I²C bus EEPROM (Electrically Erasable Programmable Memory).
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and physical characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 2 Kbit (256 x 8 bits) |
| **Interface** | I²C (Two-wire Serial) |
| **Operating Voltage (Vcc)** | 1.8V to 5.5V |
| **Clock Frequency** | 400 kHz (Fast Mode) / 1 MHz (Fast Mode Plus) |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
| **Operating Temperature** | -40°C to +85°C |
| **Write Cycles (Endurance)** | 4 million write cycles |
| **Data Retention** | 200 years |
---
### 2. Breakdown of the Part Number
The suffix codes provide critical information regarding the packaging and specific features:
* **M24C02**: Base part number for 2-Kbit I²C EEPROM.
* **-R**: Indicates the operating voltage range (1.8V to 5.5V).
* **MB**: Specifies the package type (UFDFPN8, 2x3 mm).
* **6**: Temperature range grade (-40°C to +85°C).
* **T**: Indicates Tape & Reel packing.
* **W**: Refers to a specific manufacturing process or high-reliability variant (often associated with specific "Waterproof" or "Wafer" level processing in certain contexts, but primarily denotes the process technology in ST's line).
---
### 3. Functional Features
#### A. Write Protection
The device includes a **Write Control (WC)** pin.
- When connected to Vcc, the memory contents are write-protected (read-only).
- When connected to Vss (Ground), the entire memory is writable.
#### B. Byte and Page Write
The M24C02 supports both single-byte writes and Page Write operations. A "page" for this specific model consists of **16 bytes**. Writing a page is significantly faster than writing 16 individual bytes because it only requires one internal write cycle (~5ms).
#### C. Device Addressing
The I²C address for this device is typically `1010xxxR/W`. The three "x" bits correspond to the physical hardware address pins (E2, E1, E0), allowing up to eight M24C02 devices to be connected to the same I²C bus.
---
### 4. Typical Application Circuit
In a standard electronic circuit, the connection usually follows this logic:
```cpp
// Typical Pinout Mapping
Pin 1-3: E0, E1, E2 (Address Inputs - connect to GND or Vcc)
Pin 4: Vss (Ground)
Pin 5: SDA (Serial Data - requires pull-up resistor)
Pin 6: SCL (Serial Clock - requires pull-up resistor)
Pin 7: WC (Write Control - connect to GND for write access)
Pin 8: Vcc (Power Supply 1.8V - 5.5V)
```
- ⤷
How does the 'Page Write' function handle data if the 16-byte boundary is exceeded?
- ⤷ What is the typical value for the pull-up resistors required for the SDA and SCL lines?
- ⤷ Can this EEPROM be used in automotive applications
- ⤷ or is a different grade required?