công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M24512-RMW6P

  • AI
    ## M24512-RMW6P: Electronic Component Overview The **M24512-RMW6P** is a high-performance, electrically erasable programmable memory (EEPROM) manufactured by **STMicroelectronics**. It belongs to the I2C family and is widely used for parameter storage in industrial and consumer electronics. --- ### 1. Key Technical Specifications The following table summarizes the core electronic characteristics of the device: | Feature | Specification | | :--- | :--- | | **Memory Size** | 512 Kbit (64 Kbytes) | | **Interface** | I2C (Two-Wire) Serial Interface | | **Operating Voltage ($V_{CC}$)** | 1.8V to 5.5V | | **Clock Frequency** | 1 MHz (Fast-mode Plus), 400 kHz, 100 kHz | | **Package Type** | SO8N (150 mil width) | | **Temperature Range** | -40°C to +85°C (Industrial Grade) | | **Page Size** | 128 Bytes | | **Write Cycles** | 4 million cycles (at 25°C) | | **Data Retention** | 200 Years | --- ### 2. Functional Description of Parts The M24512-RMW6P consists of several internal functional blocks that manage data flow and storage: * **Memory Array:** Organized as 64,512 words of 8 bits each. It is divided into 512 pages of 128 bytes. * **I2C Control Logic:** Handles the communication protocol, including Start/Stop conditions, device addressing, and Acknowledge (ACK/NACK) bits. * **Address Register:** Decodes the 16-bit address sent by the Master (MCU) to locate specific bytes within the 512Kb array. * **Write Protection (WC):** A hardware pin that, when driven high ($V_{IH}$), protects the entire memory contents from being modified. --- ### 3. Pinout Configuration (SO8) | Pin Number | Symbol | Type | Description | | :--- | :--- | :--- | :--- | | 1, 2, 3 | E0, E1, E2 | Input | Chip Enable (Used to set the I2C device address) | | 4 | $V_{SS}$ | Power | Ground | | 5 | SDA | I/O | Serial Data | | 6 | SCL | Input | Serial Clock | | 7 | $\overline{WC}$ | Input | Write Control / Write Protect | | 8 | $V_{CC}$ | Power | Supply Voltage | --- ### 4. Implementation Example (C Snippet) When interfacing with a microcontroller, the device is typically addressed using `0xA0` (assuming E0, E1, E2 are grounded). ```c // Example: I2C Write to M24512 void EEPROM_Write(uint16_t memAddress, uint8_t data) { I2C_Start(); I2C_Send_Byte(0xA0); // Device Address + Write Bit I2C_Send_Byte(memAddress >> 8); // High Address Byte I2C_Send_Byte(memAddress & 0xFF); // Low Address Byte I2C_Send_Byte(data); // Data to Store I2C_Stop(); Delay_ms(5); // Wait for internal Write Cycle (tW) } ``` --- ### 5. Part Number Breakdown: M24512-RMW6P * **M24:** I2C Serial EEPROM family. * **512:** 512 Kbit density. * **-R:** Operating voltage range of 1.8V to 5.5V. * **MW:** SO8N package (150 mil width). * **6:** Industrial temperature range (-40 to 85°C). * **P:** RoHS compliant and Halogen-free (ECOPACK2).
    ✨ Follow-up Questions
    • ⤷What is the difference between M24512-R and M24512-W models?
    • ⤷ How does the Page Write mode work in this EEPROM?
    • ⤷ Can I use multiple M24512 chips on the same I2C bus?