công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M24512-RMW6

  • AI
    ## M24512-RMW6: Technical Overview The **M24512-RMW6** is a high-density, low-voltage, serial **EEPROM** (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. It is widely used for non-volatile data storage in consumer electronics and industrial applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Storage Capacity** | 512 Kbits (64 Kbytes) | | **Communication Protocol** | $I^2C$ (Inter-Integrated Circuit) | | **Operating Voltage** | 1.8V to 5.5V | | **Clock Frequency** | 1 MHz (Fast-mode Plus), 400 kHz, or 100 kHz | | **Package Type** | SO8N (150 mil width) | | **Temperature Range** | -40°C to +85°C (Industrial Grade 6) | | **Write Cycles** | 4 Million cycles (typical) | | **Data Retention** | 200 Years | --- ### 2. Pin Configuration (SO8N) The device typically comes in an 8-pin package. Below is the pinout description: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1, 2, 3 | E0, E1, E2 | **Chip Enable:** Used to define the device address on the $I^2C$ bus (up to 8 devices). | | 4 | $V_{SS}$ | **Ground:** 0V reference. | | 5 | SDA | **Serial Data:** Bi-directional pin for data transfer. | | 6 | SCL | **Serial Clock:** Provides the timing for data synchronization. | | 7 | WC | **Write Control:** Hardware protection. If tied to $V_{CC}$, write operations are inhibited. | | 8 | $V_{CC}$ | **Supply Voltage:** Power input (1.8V to 5.5V). | --- ### 3. Core Features & Functionality #### A. Memory Organization The 512 Kbits are organized as **65,536 words of 8 bits each**. Data is managed in pages of 128 bytes, allowing for efficient "Page Write" operations. #### B. Byte and Page Write * **Byte Write:** Allows changing a single byte of data. * **Page Write:** Allows writing up to 128 bytes in a single instruction cycle, significantly speeding up the programming process for large datasets. #### C. Write Protection (WC Pin) This is a critical safety feature. When the **WC** pin is high, the entire memory contents are protected against accidental write or erase instructions, acting as a "Read Only" lock. #### D. The "R" and "W6" Suffix Meaning * **R:** Indicates the operating voltage range of **1.8V to 5.5V**. * **M:** Indicates the package is an **SO8N** (Small Outline). * **W:** Indicates the temperature range is **-40 to +85°C**. * **6:** Indicates the lead-free/RoHS compliant status. --- ### 4. Implementation Example (C Snippet) When interfacing with an Arduino or Microcontroller, the device is accessed via its 7-bit $I^2C$ address (usually `0x50` plus the hardware offset defined by E0-E2). ```c // Example: Writing a byte to M24512 Wire.beginTransmission(0x50); // Device Address Wire.write(highByte(address)); // MSB of Memory Address Wire.write(lowByte(address)); // LSB of Memory Address Wire.write(dataByte); // Data to store Wire.endTransmission(); delay(5); // Minimum write cycle time required ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum $I^2C$ clock speed supported by the M24512-RMW6 at 1.8V?
    • ⤷ How does the Page Write feature improve performance compared to Byte Write?
    • ⤷ Can I connect multiple M24512 chips to the same SCL/SDA lines?