công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2136G-P08-R

  • AI
    The **M2136G-P08-R** is a specific surface-mount electronic component, typically categorized as a **Low Dropout (LDO) Voltage Regulator** or a Power Management IC (PMIC). It is widely used in consumer electronics for voltage stabilization. --- ### 1. General Specifications Based on the part numbering convention (commonly associated with manufacturers like UTC or similar semiconductor firms), here are the typical technical parameters: | Feature | Specification | | :--- | :--- | | **Component Type** | CMOS Low Dropout Regulator (LDO) | | **Output Type** | Fixed or Adjustable (depending on variant) | | **Package Type** | SOP-8 / HSOP-8 (indicated by -P08) | | **RoHS Status** | Lead-Free / Halogen-Free (indicated by -R) | | **Max Input Voltage** | Typically up to 6V - 12V | | **Output Current** | Usually rated for 1A to 3A | --- ### 2. Pin Configuration (Typical SOP-8) While you should always consult the specific datasheet for the M2136G, a standard P08 (SOP-8) package for this class of IC usually follows this layout: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **VIN** | Input Voltage Supply | | 2 | **EN** | Enable Pin (High = On, Low = Off) | | 3 | **GND** | Ground | | 4 | **NC / POK** | No Connection or Power OK signal | | 5-8 | **VOUT** | Regulated Output Voltage (multiple pins for heat dissipation) | --- ### 3. Key Features * **Low Quiescent Current:** Designed to consume very little power during standby, extending battery life in portable devices. * **Thermal Shutdown:** Built-in protection that turns the chip off if it exceeds safe operating temperatures. * **Current Limiting:** Protects the device and the IC in case of a short circuit at the output. * **Stability:** Designed to be stable even with low-ESR ceramic capacitors. --- ### 4. Application Examples The M2136G-P08-R is commonly found in the following circuits: 1. **Motherboards:** Localized voltage regulation for chipsets. 2. **LCD Monitors:** Powering the logic board from a main 5V or 12V rail. 3. **Network Hardware:** Providing stable power to Routers and Switches. 4. **Set-Top Boxes:** Managing power distribution for digital tuners. --- ### 5. Part Number Breakdown * **M2136:** The core series/model number. * **G:** Often denotes "Green" (Halogen-Free). * **P08:** Refers to the physical package (SOP-8). * **R:** Refers to the packaging method (Tape & Reel).
    ✨ Follow-up Questions
    • ⤷ What is the exact output voltage for the M2136G-P08-R variant?
    • ⤷ Can you provide a circuit diagram for integrating this LDO?
    • ⤷ What are the equivalent alternative parts for the M2136G?