công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2125-AF5-0-R

  • AI
    The **M2125-AF5-0-R** is a specific electronic component typically categorized as a **Low Dropout (LDO) Voltage Regulator**. It is designed to provide a stable, fixed output voltage from a variable input source, characterized by its high efficiency and low noise profile. Below is a detailed breakdown of its technical specifications and characteristics. --- ### 1. Technical Specifications This part is commonly manufactured by UTC (Unisonic Technologies). Here are the standard parameters associated with this series: | Parameter | Typical Value | | :--- | :--- | | **Component Type** | CMOS Low Dropout Regulator (LDO) | | **Package Type** | SOT-25 / SOT-23-5 | | **Output Voltage** | Fixed (Often 2.5V or 3.3V depending on suffix) | | **Maximum Input Voltage** | 6.0V - 7.0V | | **Maximum Output Current** | 300mA - 500mA | | **Quiescent Current** | Low (approx. 50µA - 70µA) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Part Number Breakdown The suffixing in the part number provides specific information about its construction and packaging: * **M2125**: The core series designation (CMOS LDO). * **AF5**: Refers to the **SOT-25** package type (5-pin small outline transistor). * **0**: Usually indicates a specific voltage trimming or standard version. * **R**: Denotes **Tape and Reel** packaging for automated assembly. --- ### 3. Pin Configuration (SOT-25) The device typically follows a standard 5-pin layout: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **VIN** | Input Voltage Supply | | 2 | **GND** | Ground | | 3 | **CE / EN** | Chip Enable (Active High) | | 4 | **NC / BP** | No Connection or Bypass Capacitor (for noise reduction) | | 5 | **VOUT** | Regulated Output Voltage | --- ### 4. Key Features & Applications #### Features: * **Low Dropout Voltage:** Can maintain regulation even when the input voltage is only slightly higher than the output. * **Enable Function:** Allows the system to shut down the regulator to save power in battery-operated devices. * **Built-in Protections:** Usually includes thermal shutdown and current limit protection. #### Applications: * **Portable Electronics:** Smartphones, MP3 players, and handheld GPS. * **Battery-Powered Equipment:** Due to low quiescent current. * **Reference Voltage:** Providing stable power to microcontrollers (MCUs) and sensors.
    ✨ Follow-up Questions
    • ⤷ What is the exact fixed output voltage for the '0' variant of this part?
    • ⤷ What are the recommended capacitor values for the VIN and VOUT pins?
    • ⤷ Can this part be used in automotive applications requiring AEC-Q100 qualification?