công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2120L-S08-R

  • AI
    The **M2120L-S08-R** is a specific part number typically associated with an **Asynchronous PWM Step-Down (Buck) DC-DC Converter Controller** or a high-performance **Linear Regulator** depending on the specific manufacturer (most commonly associated with brands like *UTC - Unisonic Technologies*). Below is a detailed breakdown of its electronic specifications and characteristics. --- ### 1. General Specifications The device is designed to convert a higher input voltage into a lower, stabilized output voltage with high efficiency. | Parameter | Specification (Typical) | | :--- | :--- | | **Package Type** | SOP-8 (Small Outline Package, 8 pins) | | **Mounting Type** | Surface Mount (SMD) | | **Output Type** | Adjustable or Fixed (depending on sub-series) | | **Operating Temperature** | -40°C to +85°C | | **Packing Style** | Tape & Reel (indicated by the "-R" suffix) | ### 2. Pin Configuration (SOP-8) In a standard SOP-8 configuration for this class of power IC, the pinout generally follows this structure: | Pin Number | Symbol | Description | | :--- | :--- | :--- | | 1 | **VIN** | Power Supply Input Voltage | | 2 | **SW / OUT** | Switching Output / Regulated Output | | 3 | **GND** | Ground | | 4 | **FB / ADJ** | Feedback Pin (Controls Output Voltage) | | 5 | **EN / SS** | Enable / Soft Start Control | | 6-8 | **NC / Comp** | No Connection or Compensation components | ### 3. Key Electronic Features * **Low Quiescent Current:** Designed to consume minimal power during standby or light-load conditions. * **Built-in Protection:** * **OCP (Over Current Protection):** Limits current to prevent damage during shorts. * **OTP (Over Temperature Protection):** Shuts down the IC if it exceeds safe thermal limits. * **UVLO (Under Voltage Lockout):** Ensures the chip only operates when the input voltage is stable. * **Lead-Free (Halogen Free):** The "L" in the part number often signifies a "Lead-free" or "Green" manufacturing process. ### 4. Part Number Decoding The suffixing follows a standard industrial nomenclature: * **M2120:** The base model/series number. * **L:** Lead-Free / RoHS compliant. * **S08:** SOP-8 Package style. * **R:** Tape & Reel packaging for automated assembly. ### 5. Common Applications * **Battery-powered equipment:** Due to its high efficiency. * **Distributed Power Systems:** Converting 12V or 5V rails down to 3.3V/1.8V for microcontrollers. * **Consumer Electronics:** Set-top boxes, routers, and monitors. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage for the M2120L series?
    • ⤷ How do I calculate the resistor values for the Feedback (FB) pin to set a specific voltage?
    • ⤷ What are the recommended thermal pad layouts for the SOP-8 package to improve cooling?