công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2115G-P08-R

  • AI
    The **M2115G-P08-R** is a high-performance, low-dropout (LDO) linear regulator manufactured by **UTC (Unisonic Technologies)**. It is specifically designed to provide a stable output voltage with high efficiency for battery-powered and portable electronics. --- ## 1. Technical Specifications The following table highlights the primary electrical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Component Type** | CMOS Low Dropout (LDO) Voltage Regulator | | **Output Voltage** | Fixed (Varies by sub-type, commonly 1.5V to 5.0V) | | **Max Output Current** | 150mA to 300mA (depending on thermal conditions) | | **Input Voltage Range** | Up to 6.0V | | **Dropout Voltage** | Extremely Low (typically < 200mV at full load) | | **Quiescent Current** | Low Power Consumption (approx. 60µA - 90µA) | | **Package Type** | SOP-8 / TSSOP-8 (indicated by "P08") | | **RoHS Status** | Halogen-free and Lead-free (indicated by "-R") | --- ## 2. Key Electronic Features ### A. Low Dropout Voltage This part is designed to maintain a stable output voltage even when the input voltage is only slightly higher than the output. This is critical for maximizing battery life in portable devices. ### B. Enable/Shutdown Control The device usually features a "Control" or "Enable" pin. When pulled low, the regulator enters a shutdown mode, reducing current consumption to near zero, which is essential for "sleep" modes in microcontrollers. ### C. Protection Circuitry * **Over-Current Protection (OCP):** Limits the output current to prevent damage during a short circuit. * **Thermal Shutdown (TSD):** Automatically turns off the device if the internal temperature exceeds safe operating limits (usually around 150°C). --- ## 3. Pin Configuration (Typical SOP-8) While you should always verify with the specific UTC datasheet, a standard P08 package for this series follows this general layout: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **Vout** | Regulated output voltage | | 2, 3, 6, 7 | **NC/GND** | Often used for heat dissipation or ground | | 4 | **GND** | Ground reference | | 5 | **CE/EN** | Chip Enable (High = On, Low = Off) | | 8 | **Vin** | Unregulated input voltage | --- ## 4. Part Number Breakdown Understanding the nomenclature helps in sourcing replacements: * **M2115**: The series model number. * **G**: Halogen-free material. * **P08**: Package code (SOP-8). * **R**: Tape and Reel packaging (delivery format). --- ## 5. Applications * **Mobile Communication:** Cell phones and cordless phones. * **Portable Audio:** MP3 players and Bluetooth headsets. * **Battery-Powered Systems:** Handheld instruments and sensors. * **Microprocessor Power:** Providing clean power to noise-sensitive logic circuits.
    ✨ Follow-up Questions
    • ⤷What is the exact output voltage of the M2115G-P08-R?
    • ⤷ Can you provide the maximum operating temperature for this LDO?
    • ⤷ What are the recommended input and output capacitor values for this part?