công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M1EXM-2-R

  • AI
    The **M1EXM-2-R** is a specific electronic expansion module, typically associated with industrial automation and control systems (most notably used in the **Elko EP** or **iNELS** ecosystems). It serves as an extension unit for a main controller to increase the number of input/output (I/O) points. --- ### 1. General Specifications The module is designed to interface with a central control unit (CU) via a system bus. Below are the primary technical characteristics: | Feature | Specification | |:---|:---| | **Device Type** | Expansion I/O Module | | **Input Channels** | 2 Binary / Digital Inputs | | **Output Channels** | 2 Relay Outputs | | **Communication** | System Bus (often proprietary) | | **Mounting** | DIN Rail (Standard 35mm) | | **Indication** | LED status indicators for power and I/O state | --- ### 2. Key Electronic Components #### A. Input Section (Binary Inputs) * **Purpose:** To sense the state of external contacts (switches, buttons, or sensors). * **Isolation:** Usually features galvanic isolation to protect the internal logic from external electrical noise or surges. * **Voltage Levels:** Typically operates at 24V DC or dry contact sensing depending on the specific wiring diagram. #### B. Output Section (Relay Outputs) * **Relay Type:** Electromechanical relays. * **Switching Capacity:** Usually rated for **8A to 16A** at 250V AC (check specific label for exact amperage). * **Contact Type:** AgSnO2 (Silver Tin Oxide) is common for handling high inrush currents without welding. #### C. Processing & Logic * **Microcontroller (MCU):** An internal low-power MCU handles the communication protocol, debouncing for inputs, and driving the relay coils. * **Bus Interface:** A transceiver chip (similar to RS-485 or CAN physical layers) that allows the module to talk to the "Master" controller. --- ### 3. Wiring and Pinout Overview | Terminal | Function | Description | |:---:|:---|:---| | **BUS** | Communication | Connection to the central unit for data and power. | | **IN1 / IN2** | Inputs | Connection for external switches or sensors. | | **RE1 / RE2** | Relay Outputs | Potential-free contacts for switching loads. | --- ### 4. Typical Applications * **Lighting Control:** Switching two independent light circuits via remote commands. * **Blinds/Shutters:** Using the two relays to control "Up" and "Down" directions for a motor. * **HVAC:** Controlling valves or fans based on sensor input.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching current for the relay outputs on the M1EXM-2-R?
    • ⤷ How do you configure the bus address for this expansion module?
    • ⤷ Is this module compatible with third-party PLC systems via Modbus?